Electronic Components Datasheet Search
  English  ▼

X  

STFU11N65M2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STFU11N65M2
Description  N-channel 650 V, 0.60 typ., 7 A MDmesh M2 Power MOSFET in a TO-220FP ultra narrow leads package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFU11N65M2 Datasheet(HTML) 1 Page - STMicroelectronics

  STFU11N65M2 Datasheet HTML 1Page - STMicroelectronics STFU11N65M2 Datasheet HTML 2Page - STMicroelectronics STFU11N65M2 Datasheet HTML 3Page - STMicroelectronics STFU11N65M2 Datasheet HTML 4Page - STMicroelectronics STFU11N65M2 Datasheet HTML 5Page - STMicroelectronics STFU11N65M2 Datasheet HTML 6Page - STMicroelectronics STFU11N65M2 Datasheet HTML 7Page - STMicroelectronics STFU11N65M2 Datasheet HTML 8Page - STMicroelectronics STFU11N65M2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TO-220FP
ultra narrow leads
1
2
3
AM15572v1_no_tab
D(2)
G(1)
S(3)
Features
Order code
VDS
RDS(on) max.
ID
STFU11N65M2
650 V
0.68 Ω
7 A
•
Extremely low gate charge
•
Excellent output capacitance (COSS) profile
•
100% avalanche tested
•
Zener-protected
Applications
•
Switching applications
Description
This device is an N-channel Power MOSFET developed using MDmesh M2
technology. Thanks to its strip layout and an improved vertical structure, the device
exhibits low on-resistance and optimized switching characteristics, rendering it
suitable for the most demanding high efficiency converters.
Product status link
STFU11N65M2
Product summary
Order code
STFU11N65M2
Marking
11N65M2
Package
TO-220FP
ultra narrow leads
Packing
Tube
N-channel 650 V, 0.60 Ω typ., 7 A MDmesh M2 Power MOSFET
in a TO-220FP ultra narrow leads package
STFU11N65M2
Datasheet
DS12086 - Rev 2 - June 2019
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STFU11N65M2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STFU10N80K5 STMICROELECTRONICS-STFU10N80K5 Datasheet
841Kb / 17P
N-channel 800 V, 0.470 Ω typ., 9 A MDmesh™ K5 Power MOSFETs in a TO-220FP and TO-220FP ultra narrow leads
08-Sep-2016
STFU10N80K5 STMICROELECTRONICS-STFU10N80K5_V01 Datasheet
841Kb / 17P
N-channel 800 V, 0.470 Ω typ., 9 A MDmesh™ K5 Power MOSFETs in a TO-220FP and TO-220FP ultra narrow leads
08-Sep-2016
STFU10NK60Z STMICROELECTRONICS-STFU10NK60Z Datasheet
593Kb / 13P
N-channel 600 V, 0.68 Ω typ., 10 A, SuperMESH™ Power MOSFET in a TO-220FP ultra narrow leads package
December 2016 Rev 3
STFU13N60M2 STMICROELECTRONICS-STFU13N60M2 Datasheet
655Kb / 12P
N-channel 600 V, 0.35 typ., 11 A MDmesh™ M2 Power MOSFET in a TO-220FP ultra narrow leads package
September 2015 Rev 2
STFU13N65M2 STMICROELECTRONICS-STFU13N65M2 Datasheet
759Kb / 12P
N-channel 650 V, 0.37 Ω typ., 10 A MDmesh™M2 Power MOSFET in a TO-220FP ultra narrow leads package
26-May-2015
More results

Similar Description - STFU11N65M2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STF40N65M2 STMICROELECTRONICS-STF40N65M2 Datasheet
441Kb / 13P
N-channel 650 V, 0.087 Ω typ., 32 A MDmesh™ M2 Power MOSFET in a TO-220FP package
09-Feb-2014
STFU13N65M2 STMICROELECTRONICS-STFU13N65M2 Datasheet
759Kb / 12P
N-channel 650 V, 0.37 Ω typ., 10 A MDmesh™M2 Power MOSFET in a TO-220FP ultra narrow leads package
26-May-2015
STFU15N80K5 STMICROELECTRONICS-STFU15N80K5 Datasheet
902Kb / 13P
N-channel 800 V, 0.3 Ω typ., 14 A MDmesh™K5 Power MOSFET in a TO-220FP ultra narrow leads package
09-Sep-2015
STFU15NM65N STMICROELECTRONICS-STFU15NM65N Datasheet
807Kb / 12P
N-channel 650 V, 0.35 Ω typ., 12 A MDmesh™ II Power MOSFET in a TO-220FP ultra narrow leads package
September 2015 Rev 2
STFU24N60M2 STMICROELECTRONICS-STFU24N60M2 Datasheet
692Kb / 12P
N-channel 600 V, 0.168 Ω typ., 18 A MDmesh™ M2 Power MOSFET in a TO-220FP ultra narrow leads package
08-Sep-2015
STFU16N65M2 STMICROELECTRONICS-STFU16N65M2 Datasheet
646Kb / 12P
N-channel 650 V, 0.32 typ., 11 A MDmesh™ M2 Power MOSFET in a TO-220FP ultra narrow leads package
April 2017 Rev 1
STFU13N60M2 STMICROELECTRONICS-STFU13N60M2 Datasheet
655Kb / 12P
N-channel 600 V, 0.35 typ., 11 A MDmesh™ M2 Power MOSFET in a TO-220FP ultra narrow leads package
September 2015 Rev 2
STFU18N60M2 STMICROELECTRONICS-STFU18N60M2 Datasheet
513Kb / 12P
N-channel 600 V, 0.255 typ., 13 A MDmesh M2 Power MOSFET in a TO-220FP ultra narrow leads package
20-Jun-2019
STFU25N60M2-EP STMICROELECTRONICS-STFU25N60M2-EP Datasheet
271Kb / 13P
N-channel 600 V, 0.175 typ., 18 A MDmesh™ M2 EP Power MOSFET in a TO-220FP ultra narrow leads package
May 2018 Rev 4
STFU9N65M2 STMICROELECTRONICS-STFU9N65M2 Datasheet
462Kb / 12P
N-channel 650 V, 0.79 typ., 5 A MDmesh M2 Power MOSFET in a TO-220FP ultra narrow leads package
21-Jun-2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com