Electronic Components Datasheet Search
  English  ▼

X  

STFU9N65M2 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STFU9N65M2
Description  N-channel 650 V, 0.79 typ., 5 A MDmesh M2 Power MOSFET in a TO-220FP ultra narrow leads package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFU9N65M2 Datasheet(HTML) 5 Page - STMicroelectronics

  STFU9N65M2 Datasheet HTML 1Page - STMicroelectronics STFU9N65M2 Datasheet HTML 2Page - STMicroelectronics STFU9N65M2 Datasheet HTML 3Page - STMicroelectronics STFU9N65M2 Datasheet HTML 4Page - STMicroelectronics STFU9N65M2 Datasheet HTML 5Page - STMicroelectronics STFU9N65M2 Datasheet HTML 6Page - STMicroelectronics STFU9N65M2 Datasheet HTML 7Page - STMicroelectronics STFU9N65M2 Datasheet HTML 8Page - STMicroelectronics STFU9N65M2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
2.1
Electrical characteristics (curves)
Figure 1. Safe operating area
ID
10
1
0.1
0.1
1
VDS(V)
10
(A)
10µs
1ms
100µs
0.01
Tj=150°C
Tc=25°C
Single pulse
10ms
100
AM18056v1
Figure 2. Thermal Impedance
GC20940
10 -1
10 -2
10 -3
10 -4
10 -3
10 -2
10 -1
10 0
K
t p (s)
Figure 3. Output characteristics
GADG160320171044OCH
10
8
6
4
2
0
0
4
8
12
16
20
ID
(A)
VDS (V)
VGS = 5 V
VGS = 6 V
VGS = 7 V
VGS = 8, 9, 10 V
Figure 4. Transfer characteristics
GADG160320171044TCH
10
8
6
4
2
0
0
2
4
6
8
ID
(A)
VGS (V)
VDS = 20 V
Figure 5. Gate charge vs gate-source voltage
GADG160320171046QVG
12
10
8
6
4
2
0
600
500
400
300
200
100
0
0
2
4
6
8
10
VGS
(V)
VDS
(V)
Qg (nC)
VDS
VDD = 520 V,
ID = 5 A
Figure 6. Static drain-source on-resistance
RDS(on)
0.780
0.770
0.760
0
2
ID(A)
(Ω)
1
3
0.790
VGS=10V
4
5
0.800
0.810
0.820
0.830
0.840
AM18062v1
STFU9N65M2
Electrical characteristics (curves)
DS11781 - Rev 3
page 5/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com