Electronic Components Datasheet Search
  English  ▼

X  

STL10N65M2 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STL10N65M2
Description  N-channel 650 V, 0.85 typ., 4.5 A MDmesh M2 Power MOSFET in a PowerFLAT 5x6 HV package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL10N65M2 Datasheet(HTML) 5 Page - STMicroelectronics

  STL10N65M2 Datasheet HTML 1Page - STMicroelectronics STL10N65M2 Datasheet HTML 2Page - STMicroelectronics STL10N65M2 Datasheet HTML 3Page - STMicroelectronics STL10N65M2 Datasheet HTML 4Page - STMicroelectronics STL10N65M2 Datasheet HTML 5Page - STMicroelectronics STL10N65M2 Datasheet HTML 6Page - STMicroelectronics STL10N65M2 Datasheet HTML 7Page - STMicroelectronics STL10N65M2 Datasheet HTML 8Page - STMicroelectronics STL10N65M2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
2.1
Electrical characteristics (curves)
Figure 1. Safe operating area
GADG160320171047SOA
10 1
10 0
10 -1
10 -1
10 0
10 1
10 2
ID
(A)
VDS (V)
Operation in this area is
limited by R DS(on)
tp =10 µs
tp =100 µs
tp =1 ms
tp =10 ms
Single pulse,TC = 25 °C,
TJ ≤ 150 °C, VGS = 10 V
Figure 2. Thermal impedance
Single pulse
0.05
0.02
0.01
d=0.5
0.1
0.2
K
tp(s)
10-5 10-4 10-3
10-2
10-1
10
-6
10-3
10-2
ZthPowerFlat_5x6_19
10-1 100
Figure 3. Output characteristics
GADG160320171044OCH
10
8
6
4
2
0
0
4
8
12
16
20
ID
(A)
VDS (V)
VGS = 5 V
VGS = 6 V
VGS = 7 V
VGS = 8, 9, 10 V
Figure 4. Transfer characteristics
GADG160320171044TCH
10
8
6
4
2
0
0
2
4
6
8
ID
(A)
VGS (V)
VDS = 20 V
Figure 5. Gate charge vs gate-source voltage
GADG160320171046QVG
12
10
8
6
4
2
0
600
500
400
300
200
100
0
0
2
4
6
8
10
VGS
(V)
VDS
(V)
Qg (nC)
VDS
VDD = 520 V,
ID = 5 A
Figure 6. Static drain-source on-resistance
GADG160320171045RID
0.91
0.89
0.87
0.85
0.83
0.81
0
1
2
3
4
RDS(on)
(Ω)
ID (A)
VGS = 10 V
STL10N65M2
Electrical characteristics (curves)
DS12063 - Rev 2
page 5/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com