Electronic Components Datasheet Search
  English  ▼

X  

15N60DM6 Datasheet(PDF) 5 Page - STMicroelectronics

Part # 15N60DM6
Description  N-channel 600 V, 295 m typ., 8.5 A, MDmesh DM6 Power MOSFET in a PowerFLAT 5x6 HV package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

15N60DM6 Datasheet(HTML) 5 Page - STMicroelectronics

  15N60DM6 Datasheet HTML 1Page - STMicroelectronics 15N60DM6 Datasheet HTML 2Page - STMicroelectronics 15N60DM6 Datasheet HTML 3Page - STMicroelectronics 15N60DM6 Datasheet HTML 4Page - STMicroelectronics 15N60DM6 Datasheet HTML 5Page - STMicroelectronics 15N60DM6 Datasheet HTML 6Page - STMicroelectronics 15N60DM6 Datasheet HTML 7Page - STMicroelectronics 15N60DM6 Datasheet HTML 8Page - STMicroelectronics 15N60DM6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
2.1
Electrical characteristics (curves)
Figure 1. Safe operating area
GADG191220191108SOA
10 1
10 0
10 -1
10 -1
10 0
10 1
10 2
ID
(A)
VDS (V)
tp =100µs
tp =1µs
tp =10µs
tp =1ms
V(BR)DSS
tp =10ms
TC = 25 °C
TJ ≤ 150 °C
Single pulse
IDM
RDS(on) max.
Figure 2. Maximum transient thermal impedance
GADG191220191145ZTH
10 0
10 -1
10 -2
10 -3
10 -6
10 -5
10 -4
10 -3
10 -2
10 -1
tp (s)
ton
T
duty = ton / T
RthJ-C = 1.96 °C/W
°C/W
ZthJ-C
Single pulse
0.05
0.1
0.2
0.3
duty=0.5 0.4
Figure 3. Typical output characteristics
GADG201220190735OCH
30
25
20
15
10
5
0
0
4
8
12
16
ID
(A)
VDS (V)
VGS =8V
VGS =7V
VGS =6V
VGS = 9, 10 V
Figure 4. Typical transfer characteristics
GADG201220190736TCH
30
25
20
15
10
5
0
4
5
6
7
8
9
ID
(A)
VGS (V)
VDS = 20 V
Figure 5. Typical gate charge characteristics
GADG191220192038QVG
500
400
300
200
100
0
10
8
6
4
2
0
0
3
6
9
12
15
Qg (nC)
VDS
(V)
VGS
(V)
Qg
Qgs
Qgd
VDD = 480 V,
ID = 12 A
Figure 6. Typical drain-source on-resistance
GADG201220190740RID
315
305
295
285
275
0
2
4
6
8
ID (A)
RDS(on)
(mΩ)
VGS = 10 V
STL15N60DM6
Electrical characteristics (curves)
DS13209 - Rev 2
page 5/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com