Electronic Components Datasheet Search
  English  ▼

X  

STL28N60M2 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STL28N60M2
Description  N-channel 600 V, 0.140 typ., 19 A MDmesh™ M2 Power MOSFET in a PowerFLAT™ 8x8 HV package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL28N60M2 Datasheet(HTML) 3 Page - STMicroelectronics

  STL28N60M2 Datasheet HTML 1Page - STMicroelectronics STL28N60M2 Datasheet HTML 2Page - STMicroelectronics STL28N60M2 Datasheet HTML 3Page - STMicroelectronics STL28N60M2 Datasheet HTML 4Page - STMicroelectronics STL28N60M2 Datasheet HTML 5Page - STMicroelectronics STL28N60M2 Datasheet HTML 6Page - STMicroelectronics STL28N60M2 Datasheet HTML 7Page - STMicroelectronics STL28N60M2 Datasheet HTML 8Page - STMicroelectronics STL28N60M2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
STL28N60M2
Electrical ratings
DocID030983 Rev 1
3/15
1
Electrical ratings
Table 2: Absolute maximum ratings
Symbol
Parameter
Value
Unit
VGS
Gate-source voltage
± 25
V
ID (1)
Drain current (continuous) at TC = 25 °C
19
A
ID (1)
Drain current (continuous) at TC = 100 °C
12
A
IDM (2)
Drain current (pulsed)
50
A
PTOT
Total dissipation at TC = 25 °C
140
W
IAR
Avalanche current, repetitive or not-repetitive
(pulse width limited by Tj max)
3.6
A
EAS
Single pulse avalanche energy
(starting Tj = 25 °C, ID = IAR, VDD = 50 V)
350
mJ
dv/dt (3)
Peak diode recovery voltage slope
15
V/ns
dv/dt (4)
MOSFET dv/dt ruggedness
50
V/ns
Tstg
Storage temperature range
- 55 to 150
°C
Tj
Operating junction temperature range
°C
Notes:
(1)The value is limited by package.
(2)Pulse width limited by safe operating area.
(3)ISD ≤ 19 A, di/dt ≤ 400 A/µs, VDS(peak) < V(BR)DSS, VDD = 400 V.
(4)VDS ≤ 480 V.
Table 3: Thermal data
Symbol
Parameter
Value
Unit
Rthj-case
Thermal resistance junction-case
0.89
°C/W
Rthj-amb (1)
Thermal resistance junction-ambient
45
°C/W
Notes:
(1)When mounted on FR-4 board of inch², 2oz Cu.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com