Electronic Components Datasheet Search
  English  ▼

X  

UX22 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # UX22
Description  The Worlds Smallest Ultra Low Jitter Crystal Oscillator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

UX22 Datasheet(HTML) 1 Page - Diodes Incorporated

  UX22 Datasheet HTML 1Page - Diodes Incorporated UX22 Datasheet HTML 2Page - Diodes Incorporated UX22 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
July 2019
© Diodes Incorporated • US: +1-408-232-9100 TW: +886-3-4518888
• www.diodes.com
UX22/UX252
Document Number DS42057 Rev 2-2
© Diodes Incorporated
2.5V/3.3V LVPECL XO
The World's Smallest Ultra Low Jitter Crystal Oscillator
2.5 x 2.0mm
UX22/UX252
A product Line of
Diodes Incorporated
Product Features
• Ultra low phase jitter for 40G/100G systems
- 0.1 to 0.2ps RMS max. (12kHz to 20MHz),
Category 1
- 0.3ps RMS max. (12kHz to 20MHz), Category 2
• Industrial Temperature Range
• Pb-free & RoHS compliant
Product Description
The UX22/UX252 XO series is the world's
smallest crystal oscillator family optimized
to save board space. The series consists of
high performance LVPECL crystal oscillators
with ultra low jitter performance to meet strict
chipset requirements. It supports various options
including wider frequency range, 2.5V/3.3V
voltage, and various stabilities. It is designed
to meet the clock source specifications for
communication systems, and other high
performance equipment.
Applications
• Networking Systems
• Servers and Storage Systems
• Profession Video Equipment
• Test and Measurement
• FPGA/ASIC Clock Generation
Pin Functions:
Pin
Function
1
OE
2
NC
3
VEE
4
Output
5
Output N
6
VCC
Recommended Land Pattern:
2.5 x 2.0mm Ceramic SMD
*Extended high frequency power
decoupling is recommended (see test
circuit for minimum recommendation).
To ensure optimal performance, do not
route RF traces beneath the package.
1
2.0 ± 0.2
2.5 ± 0.2
0.8 ± 0.1
0.55 TYP.
1.72 TYP.
#1
#2
#4
#3
0.35 TYP.
0.50 TYP.
0.70 TYP.
#5
#6
0.70
1.50
2.70
0.60
Package: (Scale: none; dimensions are in mm)
UX 252 V I FFFF.FFFFFF
A
B
C
B = ±25 ppm -20 to +70°C
C = ±50 ppm -20 to +70°C
D = ±25 ppm -40 to +85°C
E = ±50 ppm -40 to +85°C
Stability and Temp Range:
Stability Temp Range
Frequency:
FFFF.FFFFFF
MHz, “4 digits/decimal/6 digits” format
Voltage:
1=+3.3V
2=+2.5V
Part Ordering Information Category 1*:
Part Ordering Information Category 2*:
UX22 XXX YYY
Product�Family
XXX = Frequency�Code
YYYY = Specification�Code
*Not for all frequencies in the
frequency range. Please contact
sales for details.
*Please contact us for custom requirements for your specific application needs


Similar Description - UX22

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EG-2001CA ETC1-EG-2001CA Datasheet
61Kb / 1P
LOW-JITTER CRYSTAL OSCILLATOR
logo
Epson ToYoCom
EG-2101CA EPSONTOYOCOM-EG-2101CA Datasheet
219Kb / 2P
CRYSTAL OSCILLATOR LOW-JITTER SAW OSCILLATOR
XG-1000CA EPSONTOYOCOM-XG-1000CA Datasheet
446Kb / 2P
CRYSTAL OSCILLATOR LOW-JITTER SAW OSCILLATOR
logo
Abracon Corporation
ABLJO ABRACON-ABLJO Datasheet
2Mb / 3P
LOW JITTER CRYSTAL OSCILLATOR
05.31.11
logo
Silicon image
SI535 SILICONIMAGE-SI535 Datasheet
276Kb / 12P
ULTRA LOW JITTER CRYSTAL OSCILLATOR (XO)
logo
EPCOS
EG-2001CA125.0000M-PCHL3 EPCOS-EG-2001CA125.0000M-PCHL3 Datasheet
200Kb / 1P
CRYSTAL OSCILLATOR LOW-JITTER SAW OSCILLATOR
logo
Abracon Corporation
ABLJO ABRACON-ABLJO_15 Datasheet
2Mb / 4P
LOW JITTER CRYSTAL OSCILLATOR
09.05.13
logo
Silicon Laboratories
SI535 SILABS-SI535 Datasheet
323Kb / 12P
ULTRA LOW JITTER CRYSTAL OSCILLATOR
logo
Microchip Technology
MX55 MICROCHIP-MX55 Datasheet
1Mb / 28P
Low Jitter Crystal Oscillator
10/25/17
logo
Skyworks Solutions Inc.
SI535 SKYWORKS-SI535 Datasheet
738Kb / 12P
ULTRA LOW JITTER CRYSTAL OSCILLATOR (XO)
Rev. 1.3
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com