Electronic Components Datasheet Search
  English  ▼

X  

ZXCT1084Q Datasheet(PDF) 12 Page - Diodes Incorporated

Part # ZXCT1084Q
Description  AUTOMOTIVE GRADE PRECISION HIGH VOLTAGE HIGH-SIDE CURRENT MONITORS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXCT1084Q Datasheet(HTML) 12 Page - Diodes Incorporated

Back Button ZXCT1084Q Datasheet HTML 5Page - Diodes Incorporated ZXCT1084Q Datasheet HTML 6Page - Diodes Incorporated ZXCT1084Q Datasheet HTML 7Page - Diodes Incorporated ZXCT1084Q Datasheet HTML 8Page - Diodes Incorporated ZXCT1084Q Datasheet HTML 9Page - Diodes Incorporated ZXCT1084Q Datasheet HTML 10Page - Diodes Incorporated ZXCT1084Q Datasheet HTML 11Page - Diodes Incorporated ZXCT1084Q Datasheet HTML 12Page - Diodes Incorporated ZXCT1084Q Datasheet HTML 13Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
ZXCT1082Q/83Q/84Q/85Q/86Q/87Q
Document number: DS37015 Rev. 1 - 2
12 of 13
www.diodes.com
April 2014
© Diodes Incorporated
A Product Line of
Diodes Incorporated
ZXCT1082Q/83Q/84Q/85Q/86Q/87Q
Ordering Information
Part Number
Packaging
(Note 11)
Package
Code
Identification
Code
Packing: 7” Tape and Reel
Qualification Grade
(Note 12)
Quantity
Tape width
Part Number Suffix
ZXCT1082QE5TA
SOT25
E5
1082
3000 Units
8mm
TA
Automotive Grade
ZXCT1083QE5TA
SOT25
E5
1083
3000 Units
8mm
TA
Automotive Grade
ZXCT1084QE5TA
SOT25
E5
1084
3000 Units
8mm
TA
Automotive Grade
ZXCT1085QE5TA
SOT25
E5
1085
3000 Units
8mm
TA
Automotive Grade
ZXCT1086QE5TA
SOT25
E5
1086
3000 Units
8mm
TA
Automotive Grade
ZXCT1087QE5TA
SOT25
E5
1087
3000 Units
8mm
TA
Automotive Grade
Note:
11. Pad
layout
as
shown
on
Diodes
Inc.
suggested
pad
layout
document
AP02001,
which
can
be
found
on
our
website
at
http://www.diodes.com/datasheets/ap02001.pdf
12. ZXCT1082Q/83Q/84Q/85Q/86Q/87Q have been qualified to AEC-Q100 grade 1 and is classified as “Automotive Grade” which supports PPAP
documentation. See ZXCT1082/82/84/85/86/87 datasheet for commercial qualified version.
Marking Information
: Identification code : XXXX
Package Outline Dimensions
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for latest version.
SOT25
Dim
Min
Max Typ
A
0.35
0.50 0.38
B
1.50
1.70 1.60
C
2.70
3.00 2.80
D

 0.95
H
2.90
3.10 3.00
J
0.013 0.10 0.05
K
1.00
1.30 1.10
L
0.35
0.55 0.40
M
0.10
0.20 0.15
N
0.70
0.80 0.75

0°
8°

All Dimensions in mm
A
M
J
L
D
B C
H
K
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com