Electronic Components Datasheet Search
  English  ▼

X  

ZXGD3108N8 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZXGD3108N8
Description  40V ACTIVE ORING MOSFET CONTROLLER IN SO8
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXGD3108N8 Datasheet(HTML) 2 Page - Diodes Incorporated

  ZXGD3108N8 Datasheet HTML 1Page - Diodes Incorporated ZXGD3108N8 Datasheet HTML 2Page - Diodes Incorporated ZXGD3108N8 Datasheet HTML 3Page - Diodes Incorporated ZXGD3108N8 Datasheet HTML 4Page - Diodes Incorporated ZXGD3108N8 Datasheet HTML 5Page - Diodes Incorporated ZXGD3108N8 Datasheet HTML 6Page - Diodes Incorporated ZXGD3108N8 Datasheet HTML 7Page - Diodes Incorporated ZXGD3108N8 Datasheet HTML 8Page - Diodes Incorporated ZXGD3108N8 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
ZXGD3108N8
Document Number DS36530 Rev. 3 - 2
2 of 10
www.diodes.com
April 2017
© Diodes Incorporated
ZXGD3108N8
Absolute Maximum Ratings (Voltage relative to GND, @ TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Supply Voltage
VCC
25
V
Drain Pin Voltage
VD
-3 to 40
V
Gate Output Voltage
VG
-3 to VCC +3
V
Gate Driver Peak Source Current
ISOURCE
2
A
Gate Driver Peak Sink Current
ISINK
5
A
Thermal Characteristics (@ TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Power Dissipation
Linear Derating Factor
(Note 5)
PD
490
3.92
mW
mW/°C
(Note 6)
655
5.24
(Note 7)
720
5.76
(Note 8)
785
6.28
Thermal Resistance, Junction to Ambient
(Note 5)
RθJA
255
°C/W
(Note 6)
191
(Note 7)
173
(Note 8)
159
Thermal Resistance, Junction to Lead
(Note 9)
RθJL
135
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-50 to +150
°C
ESD Ratings (Note 10)
Characteristic
Symbol
Value
Unit
JEDEC Class
Electrostatic Discharge
– Human Body Model
ESD HBM
2,000
V
2
Electrostatic Discharge
– Machine Model
ESD MM
200
V
B
Notes:
5. For a device surface mounted on minimum recommended pad layout FR4 PCB with high coverage of single sided 1oz copper, in still air conditions; the
device is measured when operating in a steady-state condition.
6. Same as Note (5), except pins 2 & 3 (GND) and pins 5 & 6 (VCC) are both connected to separate 5mm x 5mm 1oz copper heat-sinks.
7. Same as Note (6), except both heat-sinks are 10mm x 10mm.
8. Same as Note (6), except both heat-sinks are 15mm x 15mm.
9. Thermal resistance from junction to solder-point at the end of each lead on pins 2 & 3 (GND) and pins 5 & 6 (VCC).
10. Refer to JEDEC specification JESD22-A114 and JESD22-A11
Thermal Derating Curve
0
20
40
60
80
100
120
140
160
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
15mm x 15mm
5mm x 5mm
Minimum
Layout
Derating Curve
Junction Temperature (°C)
10mm x 10mm



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com