Electronic Components Datasheet Search
  English  ▼

X  

ZXCT1087Q Datasheet(PDF) 7 Page - Diodes Incorporated

Part # ZXCT1087Q
Description  AUTOMOTIVE GRADE PRECISION HIGH VOLTAGE HIGH-SIDE CURRENT MONITORS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXCT1087Q Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button ZXCT1087Q Datasheet HTML 3Page - Diodes Incorporated ZXCT1087Q Datasheet HTML 4Page - Diodes Incorporated ZXCT1087Q Datasheet HTML 5Page - Diodes Incorporated ZXCT1087Q Datasheet HTML 6Page - Diodes Incorporated ZXCT1087Q Datasheet HTML 7Page - Diodes Incorporated ZXCT1087Q Datasheet HTML 8Page - Diodes Incorporated ZXCT1087Q Datasheet HTML 9Page - Diodes Incorporated ZXCT1087Q Datasheet HTML 10Page - Diodes Incorporated ZXCT1087Q Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
ZXCT1082Q/83Q/84Q/85Q/86Q/87Q
Document number: DS37015 Rev. 1 - 2
7 of 13
www.diodes.com
April 2014
© Diodes Incorporated
A Product Line of
Diodes Incorporated
ZXCT1082Q/83Q/84Q/85Q/86Q/87Q
Typical Characteristics (cont.) (@ VS+ = 12V, VCC = 5V, VSENSE = 100mV, RGT = 5kΩ, RG = 125kΩ, TA = +25°C)
0
2
4
6
8
10
12
14
010
20
30
40
50
60
V (V)
V
vs. V
S
OUT
S+
+
V
= 500mV
SENSE
V
= 100mV
SENSE
V
= 10mV
SENSE
V= 5V
T = 25 C
CC
A
R
= 5k
R = 125k
GT
G
-0.05
0.00
0.05
0.10
0.15
0.25
0.30
010
20
30
40
50
60
0.20
V
(V)
V
vs. V
CC
OUT
CC
R
= 5k
R = 125k
V
= 10mV
T = 25 C
SENSE
A
GT
G
V
= 3.6V
S+
V
= 10V
S+
24.93
24.94
24.95
24.96
24.97
24.98
24.99
25.00
-40 -25 -10 5
20 35 50 65 80 95 110 125
Temperature ( C)
Differential Gain vs. Temperature
V= 30 - 100mV
SENSE
V= 20 - 30mV
SENSE
V= 10 - 20mV
SENSE
V
= 100 - 150mV
SENSE
R
= 5k
R = 125k
V
= 5V
V= 12V
CC
s+
GT
G
-5
-4.5
-4
-3.5
-3
-2.5
-2
-1.5
-1
-0.5
0
.00 .05 .10 .15 .20 .25 .30 .35 .40 .45 .50
V
(V)
Error vs. V
SENSE
SENSE
-0.3
-0.25
-0.2
-0.15
-0.1
-0.05
0
0
10
2030405060
V
(V)
Error vs. V
CC
CC
Gain = 100
Gain = 10
Gain = 50
V
= 5V
V
= 12V
T = All Temp
R
= 5k
CC
S+
A
GT
-1
-0.9
-0.8
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0
0
102030
40
50
60
V
= 10mV
SENSE
Gain 100
Gain 50
Gain 10
V
(V)
Error vs. V
S+
S+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com