Electronic Components Datasheet Search
  English  ▼

X  

PTH12010WAST Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # PTH12010WAST
Description  12-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH12010WAST Datasheet(HTML) 14 Page - Texas Instruments

Back Button PTH12010WAST Datasheet HTML 10Page - Texas Instruments PTH12010WAST Datasheet HTML 11Page - Texas Instruments PTH12010WAST Datasheet HTML 12Page - Texas Instruments PTH12010WAST Datasheet HTML 13Page - Texas Instruments PTH12010WAST Datasheet HTML 14Page - Texas Instruments PTH12010WAST Datasheet HTML 15Page - Texas Instruments PTH12010WAST Datasheet HTML 16Page - Texas Instruments PTH12010WAST Datasheet HTML 17Page - Texas Instruments PTH12010WAST Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
www.ti.com
FEATURES OF THE PTH FAMILY OF NON-ISOLATED WIDE OUTPUT ADJUST POWER
POLA™ COMPATIBILITY
SOFT-START POWER UP
PTH12010W, PTH12010L
SLTS205E–JUNE 2003–REVISED APRIL 2006
MODULES
The PTH/PTV family of nonisolated, wide-output adjustable power modules are optimized for applications that
require a flexible, high performance module that is small in size. Each of these products are POLA™ compatible.
POLA compatible products are produced by a number of manufacturers, and offer customers advanced,
nonisolated modules with the same footprint and form factor. POLA parts are also ensured to be interoperable,
thereby providing customers with second-source availability.
From the basic, Just Plug it In functionality of the 6-A modules, to the 30-A rated feature-rich PTHxx030, these
products were designed to be very flexible, yet simple to use. The features vary with each product. Table 5
provides a quick reference to the features by product series and input bus voltage.
Table 5. Operating Features by Series and Input Bus Voltage
I O
Adjust
On/Off
Over-
Prebias
Auto-
Margin
Output
Thermal
Series
Input Bus
(Trim)
Inhibit
Current
Startup
Track™
Up/Down
Sense
Shutdown
3.3V
6A
••
•
•
•
PTHxx050 5 V
6 A
••
•
•
•
12 V
6 A
••
•
•
•
3.3V/5V 10A
•
•
•
•••
•
PTHxx060
12 V
8 A
•
•
•
•••
•
3.3V/5V 15A
•
•
•
•••
•
PTHxx010
12 V
12 A
•
•
•
•••
•
5V
8A
••
•
•
•
•
PTVxx010
12 V
8 A
••
•
•
•
•
3.3V/5V 22A
•
•
•
•••
•
•
PTHxx020
12 V
18 A
•
•
•
•••
•
•
5V
18 A
••
•
•
•
•
•
PTVxx020
12 V
16 A
••
•
•
•
•
•
3.3V/5V
30A
•
•
•
•••
•
•
PTHxx030
12 V
26 A
•
•
•
•••
•
•
For simple point-of-use applications, the PTH12050 (6 A) provides operating features such as an on/off inhibit,
output voltage trim, prebias start-up and overcurrent protection. The PTH12060 (10 A), and PTH12010 (12 A)
include an output voltage sense, and margin up/down controls. Then the higher output current, PTH12020 (18
A) and PTH12030 (26 A) products incorporate overtemperature shutdown protection.
The PTV12010 and PTV12020 are similar parts offered in a vertical, single in-line pin (SIP) profile, at slightly
lower current ratings.
All of the products referenced in Table 5 include Auto-Track™. This feature was specifically designed to simplify
the task of sequencing the supply voltages in a power system. This and other features are described in the
following sections.
The Auto-Track feature allows the power-up of multiple PTH modules to be directly controlled from the Track
pin. However in a stand-alone configuration, or when the Auto-Track feature is not being used, the Track pin
should be directly connected to the input voltage, VI,see Figure 12.
14
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com