Electronic Components Datasheet Search
  English  ▼

X  

A2182 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # A2182
Description  Power Amplifier Applications Driver Stage Amplifier Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

A2182 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  A2182 Datasheet HTML 1Page - Toshiba Semiconductor A2182 Datasheet HTML 2Page - Toshiba Semiconductor A2182 Datasheet HTML 3Page - Toshiba Semiconductor A2182 Datasheet HTML 4Page - Toshiba Semiconductor A2182 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2SA2182
2006-11-13
1
TOSHIBA Transistor Silicon PNP Epitaxial Type
2SA2182
Power Amplifier Applications
Driver Stage Amplifier Applications
・
High transition frequency: fT = 80 MHz (typ.)
Absolute Maximum Ratings (Tc = 25°C)
Characteristic
Symbol
Rating
Unit
Collector-base voltage
VCBO
− 230
V
Collector-emitter voltage
VCEO
− 230
V
Emitter-base voltage
VEBO
− 5
V
DC
IC
− 1.0
A
Collector current
pulse
ICP
− 2.0
A
Base current
IB
− 100
mA
Ta
= 25°C
2
W
Collector power dissipation
Tc
= 25°C
PC
20
W
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
− 55~150
°C
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in temperature, etc.) may cause this product to
decrease in the reliability significantly even if the operating conditions (i.e. operating
temperature/current/voltage, etc.) are within the absolute maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/Derating Concept and Methods) and individual reliability data (i.e. reliability test report
and estimated failure rate, etc).
Unit: mm
JEDEC
―
JEITA
SC-67
TOSHIBA
2-10U1A
Weight: 1.7 g (typ.)
1 : BASE
2 : COLLECTOR
3 : EMITTER


Similar Part No. - A2182

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
A2183 TOSHIBA-A2183 Datasheet
179Kb / 5P
High Current Switching Applications
2006-11-16
A2184 TOSHIBA-A2184 Datasheet
213Kb / 5P
High Voltage Switching Applications
logo
MicroPower Direct, LLC
A218EHI MPD-A218EHI Datasheet
190Kb / 2P
Low Cost, Miniature DIP 2W, Very High Isolation DC/DC Converters
A218EHI MPD-A218EHI Datasheet
223Kb / 2P
A200EHI SERIES
More results

Similar Description - A2182

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SA1837 UTC-2SA1837 Datasheet
108Kb / 3P
POWER AMPLIFIER APPLICATIONS DRIVER STAGE AMPLIFIER APPLICATIONS
logo
Toshiba Semiconductor
2SA1225 TOSHIBA-2SA1225_07 Datasheet
163Kb / 4P
Power Amplifier Applications Driver Stage Amplifier Applications
2SA1425 TOSHIBA-2SA1425_07 Datasheet
124Kb / 4P
Power Amplifier Applications Driver-Stage Amplifier Applications
2SA1930 TOSHIBA-2SA1930 Datasheet
119Kb / 5P
Power Amplifier Applications Driver Stage Amplifier Applications
2SA1225 TOSHIBA-2SA1225_10 Datasheet
150Kb / 4P
Power Amplifier Applications Driver Stage Amplifier Applications
2SA1425 TOSHIBA-2SA1425_10 Datasheet
136Kb / 4P
Power Amplifier Applications Driver-Stage Amplifier Applications
2SC2983 TOSHIBA-2SC2983_05 Datasheet
155Kb / 4P
Power Amplifier Applications Driver Stage Amplifier Applications
2SC4793FM TOSHIBA-2SC4793FM Datasheet
131Kb / 4P
Power Amplifier Applications Driver Stage Amplifier Applications
2SA1837M TOSHIBA-2SA1837M Datasheet
122Kb / 4P
Power Amplifier Applications Driver Stage Amplifier Applications
logo
First Silicon Co., Ltd
FTA1225 FS-FTA1225 Datasheet
582Kb / 2P
Power Amplifier Applications Driver Stage Amplifier Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com