Electronic Components Datasheet Search
  English  ▼

X  

FODM291A Datasheet(PDF) 2 Page - ON Semiconductor

Part # FODM291A
Description  Single Channel, DC Sensing Input, Phototransistor Optocoupler In Half-Pitch Mini-Flat 4-Pin Package
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FODM291A Datasheet(HTML) 2 Page - ON Semiconductor

  FODM291A Datasheet HTML 1Page - ON Semiconductor FODM291A Datasheet HTML 2Page - ON Semiconductor FODM291A Datasheet HTML 3Page - ON Semiconductor FODM291A Datasheet HTML 4Page - ON Semiconductor FODM291A Datasheet HTML 5Page - ON Semiconductor FODM291A Datasheet HTML 6Page - ON Semiconductor FODM291A Datasheet HTML 7Page - ON Semiconductor FODM291A Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
FODM291 Series
www.onsemi.com
2
SAFETY AND INSULATIONS RATING
As per DIN EN/IEC 60747−5−5, this optocoupler is suitable for “safe electrical insulation” only within the safety limit data.
Compliance with the safety ratings shall be ensured by means of protective circuits.
Parameter
Characteristics
Installation Classifications per DIN VDE 0110/1.89 Table 1,
For Rated Mains Voltage
< 150 VRMS
I–IV
< 300 VRMS
I–III
Climatic Classification
55/110/21
Pollution Degree (DIN VDE 0110/1.89)
2
Comparative Tracking Index
175
Symbol
Parameter
Value
Unit
VPR
Input−to−Output Test Voltage, Method A, VIORM x 1.6 = VPR,
Type and Sample Test with tm = 10 s, Partial Discharge < 5 pC
904
Vpeak
Input−to−Output Test Voltage, Method B, VIORM x 1.875 = VPR,
100% Production Test with tm = 1 s, Partial Discharge < 5 pC
1060
Vpeak
VIORM
Maximum Working Insulation Voltage
565
Vpeak
VIOTM
Highest Allowable Over−Voltage
4,000
Vpeak
External Creepage
≥ 5
mm
External Clearance
≥ 5
mm
DTI
Distance Through Insulation (Insulation Thickness)
≥ 0.4
mm
TS
Case Temperature (Note 1)
150
°C
RIO
Insulation Resistance at TS, VIO = 500 V (Note 1)
> 109
W
1. Safety limit values – maximum values allowed in the event of a failure.
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise specified.)
Symbol
Parameter
Value
Units
TSTG
Storage Temperature
−55 to +125
°C
TOPR
Operating Temperature
−55 to +110
°C
TJ
Junction Temperature
−55 to +125
°C
TSOL
Lead Solder Temperature
(Refer to Reflow Temperature Profile)
260 for 10 sec
°C
EMITTER
IF(average)
Continuous Forward Current
50
mA
IF(peak)
Peak Forward Current (1 s pulse, 300 pps)
1
A
VR
Reverse Input Voltage
6
V
PDLED
Power Dissipation (Note 2)
70
mW
DETECTOR
IC(average)
Continuous Collector Current
50
mA
VCEO
Collector−Emitter Voltage
80
V
VECO
Emitter−Collector Voltage
7
V
PDC
Collector Power Dissipation (Note 2)
150
mW
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
2. Functional operation under these conditions is not implied. Permanent damage may occur if the device is subjected to conditions outside
these ratings.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com