Electronic Components Datasheet Search
  English  ▼

X  

24666100 Datasheet(PDF) 40 Page - Toshiba Semiconductor

Part # 24666100
Description  COLOUR TELEVISION C9PJ Chassis
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

24666100 Datasheet(HTML) 40 Page - Toshiba Semiconductor

Back Button 24666100 Datasheet HTML 36Page - Toshiba Semiconductor 24666100 Datasheet HTML 37Page - Toshiba Semiconductor 24666100 Datasheet HTML 38Page - Toshiba Semiconductor 24666100 Datasheet HTML 39Page - Toshiba Semiconductor 24666100 Datasheet HTML 40Page - Toshiba Semiconductor 24666100 Datasheet HTML 41Page - Toshiba Semiconductor 24666100 Datasheet HTML 42Page - Toshiba Semiconductor 24666100 Datasheet HTML 43Page - Toshiba Semiconductor 24666100 Datasheet HTML 44Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 126 page
background image
– 40 –
Location
No.
Part No.
Description
Location
No.
Part No.
Description
C423
24095779
PF, 0.062?F, 400V
C430
24814103
Chip, 0.01?F, +80%, -20%
C431
24763102
EL, 1000?F,
±20%, 16V
C440
24082326
PF, 1300pF,
±3%, 1500V
C443
24082348
PF, 6800pF,
±3%, 1500V
C444
24082287
PF, 5100pF,
±3%, 1800V
C445
24828473
PF, 0.047?F, 200V
C446
24679330
EL, 33?F,
±20%, 250V
C447
24667102
EL, 1000?F,
±20%, 25V
C448
24640908
EL, 33?F,
±20%, 160V
C460
24669331
EL, 330?F,
±20%, 50V
C463
24212152
CD, 1500pF,
±10%
C464
24640872
EL, 10?F,
±20%, 100V
C465
24591332
PF, 3300pF
C466
24567394
PF, 0.39?F
C467
24820153
PF, 0.015?F, 630V
C468
24567474
PF, 0.47?F
C471
24206479
EL, 4.7?F,
±20%, 50V
C475
24820103
PF, 0.01?F, 630V
C477
24092347
CD, 1500pF,
±10%, 2kV
C481
24567104
PF, 0.1?F
C482
24591152
PF, 1500pF
C483
24567224
PF, 0.22?F
C484
24567104
PF, 0.1?F
C485
24669101
EL, 100?F,
±20%, 50V
C493
24591124
PF, 0.12?F
C501
24781101
Chip, 100pF, SL
C502
24814103
Chip, 0.01?F, +80%, -20%
C503
24763221
EL, 220?F,
±20%, 16V
C504
24591222
PF, 2200pF
C505
24774120
Chip, 12pF, CH
C507
24774120
Chip, 12pF, CH
C508
24669010
EL, 1?F,
±20%, 50V
C509
24763101
EL, 100?F,
±20%, 16V
C510
24763101
EL, 100?F,
±20%, 16V
C511
24814103
Chip, 0.01?F, +80%, -20%
C512
24206228
EL, 0.22?F,
±20%, 50V
C513
24814103
Chip, 0.01?F, +80%, -20%
C514
24538104
PF, 0.1?F
C515
24538104
PF, 0.1?F
C516
24781102
Chip, 1000pF, SL
C517
24774010
Chip, 1pF,
±0.25pF, CH
C519
24774010
Chip, 1pF,
±0.25pF, CH
C520
24781102
Chip, 1000pF, SL
C521
24781102
Chip, 1000pF, SL
C524
24781122
Chip, 1200pF, SL
C525
24774181
Chip, 180pF, CH
C554
24814103
Chip, 0.01?F, +80%, -20%
C555
24669010
EL, 1?F,
±20%, 50V
C556
24669010
EL, 1?F,
±20%, 50V
C601
24590102
PF, 1000pF
C602
24590102
PF, 1000pF
C603
24669100
EL, 10?F,
±20%, 50V
C604
24669100
EL, 10?F,
±20%, 50V
C605
24667101
EL, 100?F,
±20%, 25V
C606
24667101
EL, 100?F,
±20%, 25V
C607
24538104
PF, 0.1?F(40PW03G)
C607
24567104
PF, 0.1?F(40PW03B)
C608
24538104
PF, 0.1?F(40PW03G)
C608
24567104
PF, 0.1?F(40PW03B)
C609
24669102
EL, 1000?F,
±20%, 50V
C610
24669102
EL, 1000?F,
±20%, 50V
C611
24667221
EL, 220?F,
±20%, 25V
C613
24666471
EL, 470?F,
±20%, 16V
C636
24666100
EL, 10?F,
±20%, 16V
C661
24436101
CD, 100pF
C665
24669229
EL, 2.2?F,
±20%, 50V
C666
24669229
EL, 2.2?F,
±20%, 50V
C671
24669100
EL, 10?F,
±20%, 50V
C672
24232103
CD, 0.01?F, +80%, -20%
C673
24781102
Chip, 1000pF, SL
C674
24669100
EL, 10?F,
±20%, 50V
C674
24781102
Chip, 1000pF, SL
C675
24669100
EL, 10?F,
±20%, 50V
C675
24781102
Chip, 1000pF, SL
C676
24669100
EL, 10?F,
±20%, 50V
C676
24781102
Chip, 1000pF, SL
C677
24668221
EL, 220?F,
±20%, 35V
C678
24781102
Chip, 1000pF, SL
C679
24781102
Chip, 1000pF, SL
C680
24669222
EL, 2200?F,
±20%, 50V
C681
24781102
Chip, 1000pF, SL
C682
24669010
EL, 1?F,
±20%, 50V
C682
24781102
Chip, 1000pF, SL
C696
24762102
EL, 1000?F,
±20%, 10V
C701
24781330
Chip, 33pF, SL
C702
24781330
Chip, 33pF, SL
C711
24206100
EL, 10?F,
±20%, 50V
C714
24092293
Chip, 0.1?F, +80%, -20%, 25V
C715
24092441
Chip, 1?F, +80%, -20%, 16V
C716
24815822
Chip, 0.0082?F,
±10%
C717
24774470
Chip, 47pF, CH
C718
24774470
Chip, 47pF, CH
C719
24794101
EL, 100?F,
±20%, 16V
C720
24092293
Chip, 0.1?F, +80%, -20%, 25V
C721
24567104
PF, 0.1?F
C722
24092293
Chip, 0.1?F, +80%, -20%, 25V
C724
24092293
Chip, 0.1?F, +80%, -20%, 25V
C725
24092293
Chip, 0.1?F, +80%, -20%, 25V
C726
24092293
Chip, 0.1?F, +80%, -20%, 25V
C727
24092293
Chip, 0.1?F, +80%, -20%, 25V
C728
24763221
EL, 220?F,
±20%, 16V
C729
24092293
Chip, 0.1?F, +80%, -20%, 25V
C730
24567104
PF, 0.1?F
C731
24766010
EL, 1?F,
±20%, 50V
C732
24590822
PF, 0.0082?F
C735
24092293
Chip, 0.1?F, +80%, -20%, 25V
C736
24794470
EL, 47?F,
±20%, 16V
C739
24092293
Chip, 0.1?F, +80%, -20%, 25V
C740
24092293
Chip, 0.1?F, +80%, -20%, 25V
C741
24794470
EL, 47?F,
±20%, 16V
C742
24794470
EL, 47?F,
±20%, 16V
C743
24092293
Chip, 0.1?F, +80%, -20%, 25V
C744
24092293
Chip, 0.1?F, +80%, -20%, 25V
C745
24794470
EL, 47?F,
±20%, 16V
C746
24794470
EL, 47?F,
±20%, 16V
C747
24092293
Chip, 0.1?F, +80%, -20%, 25V
C748
24092293
Chip, 0.1?F, +80%, -20%, 25V
C749
24794470
EL, 47?F,
±20%, 16V
C750
24794470
EL, 47?F,
±20%, 16V
C756
24781391
Chip, 390pF, SL
C761
24590182
PF, 1800pF
C762
24590562
PF, 5600pF
C763
24774391
Chip, 390pF, CH
C765
24590182
PF, 1800pF
C766
24590562
PF, 5600pF
C767
24774391
Chip, 390pF, CH
C769
24590182
PF, 1800pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com