Electronic Components Datasheet Search
  English  ▼

X  

ADPA7009-2 Datasheet(PDF) 5 Page - Analog Devices

Part # ADPA7009-2
Description  20 GHz to 54 GHz, GaAs, pHEMT, MMIC, 29 dBm (0.5 W) Power Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7009-2 Datasheet(HTML) 5 Page - Analog Devices

  ADPA7009-2 Datasheet HTML 1Page - Analog Devices ADPA7009-2 Datasheet HTML 2Page - Analog Devices ADPA7009-2 Datasheet HTML 3Page - Analog Devices ADPA7009-2 Datasheet HTML 4Page - Analog Devices ADPA7009-2 Datasheet HTML 5Page - Analog Devices ADPA7009-2 Datasheet HTML 6Page - Analog Devices ADPA7009-2 Datasheet HTML 7Page - Analog Devices ADPA7009-2 Datasheet HTML 8Page - Analog Devices ADPA7009-2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Data Sheet
ADPA7009-2
ABSOLUTE MAXIMUM RATINGS
analog.com
Rev. 0 | 5 of 24
Table 4. Absolute Maximum Ratings
Parameter
Rating
VDD
6.0 V
VGG
−1.6 V to 0 V
RF Input Power (RFIN)
20 dBm
Continuous Power Dissipation (PDISS), TCASE = 85°C
(Derate 13.6 mW/°C above 85°C)
6.6 W
Temperature
Maximum Channel
175°C
Quiescent Channel (TCASE = 85°C, VDD = 5 V) IDQ
= 850 mA, PIN = Off
143°C
Storage Range
−65°C to +150°C
Operating Range
−40°C to +85°C
Stresses at or above those listed under Absolute Maximum Ratings
may cause permanent damage to the product. This is a stress
rating only; functional operation of the product at these or any other
conditions above those indicated in the operational section of this
specification is not implied. Operation beyond the maximum operat-
ing conditions for extended periods may affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to system design and op-
erating environment. Careful attention to PCB thermal design is
required.
θJC is the channel-to-case thermal resistance (channel to exposed
metal ground pad on the underside of the device).
Table 5. Thermal Resistance
Package Type
θJC1
Unit
CE-24-2
13.6
°C/W
1 θJC was determined by simulation under the following conditions: the heat
transfer is due solely to thermal conduction from the channel, through the
ground pad, to the PCB, and the ground pad is held constant at the operating
temperature of 85°C.
ELECTROSTATIC DISCHARGE (ESD) RATINGS
The following ESD information is provided for handling of ESD-sen-
sitive devices in an ESD-protected area only.
Human Body Model (HBM) per ANSI/ESDA/JEDEC JS-001.
ESD Ratings for ADPA7009-2
Table 6. ADPA7009-2, 24-Terminal LGA_CAV
ESD Model
Withstand Threshold (V)
Class
HBM
±500
1B
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Charged devi-
ces and circuit boards can discharge without detection. Although
this product features patented or proprietary protection circuitry,
damage may occur on devices subjected to high energy ESD.
Therefore, proper ESD precautions should be taken to avoid
performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com