Electronic Components Datasheet Search
  English  ▼

X  

LTC9101-2 Datasheet(PDF) 23 Page - Analog Devices

Part # LTC9101-2
Description  12/24-Port IEEE 802.3bt PoE PSE Controller
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC9101-2 Datasheet(HTML) 23 Page - Analog Devices

Back Button LTC9101-2 Datasheet HTML 19Page - Analog Devices LTC9101-2 Datasheet HTML 20Page - Analog Devices LTC9101-2 Datasheet HTML 21Page - Analog Devices LTC9101-2 Datasheet HTML 22Page - Analog Devices LTC9101-2 Datasheet HTML 23Page - Analog Devices LTC9101-2 Datasheet HTML 24Page - Analog Devices LTC9101-2 Datasheet HTML 25Page - Analog Devices LTC9101-2 Datasheet HTML 26Page - Analog Devices LTC9101-2 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 44 page
background image
LTC9101-2/LTC9102
23
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
LLDP Classification
Introduced in 802.3at and extended by 802.3bt, the PoE
specification defines a Link Layer Discovery Protocol
(LLDP) method of classification. The LLDP method adds
extra fields to the Ethernet LLDP data protocol.
Although the LTC9101-2/LTC9102 is compatible with this
classification method, it cannot perform LLDP classifica-
tion directly since it does not have access to the data
path. LLDP classification allows the host to perform LLDP
communication with the PD and update the PD’s power
allocation. The LTC9101-2/LTC9102 supports changing
the 2P Police and 4P Police levels dynamically, enabling
system-level LLDP support.
802.3at 2-Event Classification
In 802.3at, 802.3af classification is named Type 1 clas-
sification. The 802.3at standard introduces an extension
of Type 1 classification: Type 2 (2-event) classification.
Type 2 PSEs are required to perform classification.
A Type 2 PD requesting 25.5W presents class signature 4
during all class events. If a Type 2 PSE with 25.5W of
available power measures class signature 4 during the
first class event, it forces the PD to VMARK (9V typical),
pauses briefly, and issues a second class event as shown
in Figure 16. The second class event informs the PD that
the PSE has allocated 25.5W.
Figure 16.
9101-2 F16
VCLASSMIN
VMARKMAX
VSIGMIN
VRESET
DETECT
1ST
CLASS
1ST
MARK
2ND
MARK
2ND
CLASS
POWER ON
Type 2 PSE, 2-Event Class Sequence
Note that the second classification event only runs if
required by the IEEE classification procedure. For exam-
ple, a single-signature Class 0 to 3 PD will only be issued
a single class event as shown in Figure 15.
The concept of demotion is introduced in 802.3at. A
Type 2 PD may be connected to a PSE only capable of
delivering 13W, perhaps due to power management limi-
tations. In this case, the PSE will perform a single classi-
fication event as shown in Figure 15, and note that 25.5W
is requested. Due to the limited power availability, the
PSE will not issue a second event and proceeds directly
to power on the PD. The presence of a single class event
informs the Type 2 PD it has been demoted to 13W. If
demoted, the PD is subject to power limitations and may
operate in a reduced power mode.
802.3bt Multi-Event Classification
The LTC9101-2/LTC9102 implements Type 3 and Type 4
classification as required by 802.3bt. Type 3 and Type 4
classification are backwards-compatible with Type 1 and
Type 2 PDs.
While Type 2 (802.3at) classification extends Type 1
(802.3af) classification, Type 3 and Type 4 (802.3bt) clas-
sification supersede Type 1 and Type 2 classification. Type
1 and Type 2 classification are described in the preceding
sections as a historical reference and to define common
terminology such as power demotion, class events, mark
events, and electrical parameters.
IEEE 802.3bt defines eight PD Classes for single-signature
PDs and five PD Classes for dual-signature PDs, as shown
in Table 10.
Classification treatment of single-signature and
dual-signature PDs differs. The following sections
explain the Physical Layer classification of each PD
configuration separately.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com