Electronic Components Datasheet Search
  English  ▼

X  

LTC9102 Datasheet(PDF) 13 Page - Analog Devices

Part # LTC9102
Description  12/24-Port IEEE 802.3bt PoE PSE Controller
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC9102 Datasheet(HTML) 13 Page - Analog Devices

Back Button LTC9102 Datasheet HTML 9Page - Analog Devices LTC9102 Datasheet HTML 10Page - Analog Devices LTC9102 Datasheet HTML 11Page - Analog Devices LTC9102 Datasheet HTML 12Page - Analog Devices LTC9102 Datasheet HTML 13Page - Analog Devices LTC9102 Datasheet HTML 14Page - Analog Devices LTC9102 Datasheet HTML 15Page - Analog Devices LTC9102 Datasheet HTML 16Page - Analog Devices LTC9102 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
LTC9101-2/LTC9102
13
Rev. 0
For more information www.analog.com
PIN FUNCTIONS
LTC9101-2
CFG[1:0] (Pins 2, 1 Respectively): Device Configuration
Inputs. Tie the configuration pins high or low to set num-
ber of ports, channels per port, and number of connected
LTC9102s. See Device Configuration for details. CFG[0] is
ignored when a custom configuration package is present.
See Stored Configurations for details.
CAP[2:1] (Pins 7, 23 Respectively): Core Power Supply
Bypass Capacitors. Connect each pin to a 1μF capacitance to
DGND for the internal 1.2V regulator bypass. Do not use other
capacitor values. Do not source or sink current from this pin.
CPD (Pin 8): Clock Transceiver Positive Input Output
(Digital). Connect to CPA through a data transformer.
CND (Pin 9): Clock Transceiver Negative Input Output
(Digital). Connect to CNA through a data transformer.
DPD (Pin 10): Data Transceiver Positive Input Output
(Digital). Connect to DPA through a data transformer.
DND (Pin 11): Data Transceiver Negative Input Output
(Digital). Connect to DNA through a data transformer.
VDD (Pins 12, 19, 24): VDD IO Power Supply. Connect
to a 3.3V power supply relative to DGND. Each VDD pin
must be locally bypassed with at least a 0.1µF capacitor.
A 10µF bulk capacitor must be connected across VDD for
increased surge immunity.
RESET (Pin 14): Reset Input, Active Low. When RESET is
low, the LTC9101-2/LTC9102 is held inactive with all ports
off and all internal registers reset. When RESET is pulled
high, the LTC9101-2/LTC9102 begins normal operation.
RESET can be connected to an external capacitor or RC
network to provide a power turn-on delay. Internal filtering
of RESET prevents glitches less than 1µs wide from reset-
ting the LTC9101-2/LTC9102. Internally pulled up to VDD.
INT (Pin 15): Interrupt Output, Open Drain. INT will pull low
when any one of several events occur in the LTC9101-2. It
will return to a high impedance state when bits 6 or 7 are set
in the Reset register. The INT signal can be used to generate
an interrupt to the host processor, eliminating the need for
continuous software polling. Individual INT events can be
disabled using the Int Mask register. See LTC9101-2NDASI
Software Programming documentation for more information.
INT is only updated between I2C transactions.
SDAOUT (Pin 16): Serial Data Output, Open Drain Data
Output for the I2C Serial Interface Bus. The LTC9101-2 uses
two pins to implement the bidirectional SDA function to sim-
plify opto isolation of the I2C bus. To implement a standard
bidirectional SDA pin, tie SDAOUT and SDAIN together. See
Applications Information for more information.
SDAIN (Pin 17): Serial Data Input. High impedance data
input for the I2C serial interface bus. The LTC9101-2 uses
two pins to implement the bidirectional SDA function to
simplify opto isolation of the I2C bus. To implement a stan-
dard bidirectional SDA pin, tie SDAOUT and SDAIN together.
See Applications Information for more information.
SCL (Pin 18): Serial Clock Input. High impedance clock
input for the I2C serial interface bus. The SCL pin should
be connected directly to the I2C SCL bus line. SCL must
be tied high if the I2C serial interface bus is not used.
OSS (Pin 20): Maskable Shutdown Input, Active High.
Supports both 1-bit shutdown priority and 3-bit shutdown
priority. See Over Supply Shutdown (OSS) section for
details. Internally pulled down to DGND.
AD[4:1] (Pins 21, 6, 5, 3 Respectively): I2C Address Bits
4 to 1. Tie the address pins high or low to set the base I2C
serial address. The base address will be (01A4A3A2A10b).
Internally pulled up to VDD. See Bus Addressing for details.
DGND (Pins 22, 25): Digital Ground. DGND should be
connected to the return from the VDD supply.
LTC9102
CAP3 (Pin 1): Analog Internal 3.3V Power Supply Bypass
Capacitor. Connect a 1μF ceramic cap to VEE. A 3.3V power
supply may be connected to this pin to improve power
supply efficiency. The EXT3 pin must be pulled to CAP3
to shut off the internal 3.3V regulator if power is supplied
externally. Do not source or sink current from this pin.
Do not connect to CAP3 except as explicitly instructed
in ADI documentation (e.g., strapping LTC9102 pins and
terminating the serial interface).
EXT3 (Pin 2): External 3.3V Enable. Connect the EXT3
pin to CAP3 to shut off the internal 3.3V regulator when
power is supplied externally. Float or connect to VEE for
internal regulator operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com