Electronic Components Datasheet Search
  English  ▼

X  

LTC4271 Datasheet(PDF) 5 Page - Analog Devices

Part # LTC4271
Description  12/24-Port IEEE 802.3bt PoE PSE Controller
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4271 Datasheet(HTML) 5 Page - Analog Devices

  LTC4271 Datasheet HTML 1Page - Analog Devices LTC4271 Datasheet HTML 2Page - Analog Devices LTC4271 Datasheet HTML 3Page - Analog Devices LTC4271 Datasheet HTML 4Page - Analog Devices LTC4271 Datasheet HTML 5Page - Analog Devices LTC4271 Datasheet HTML 6Page - Analog Devices LTC4271 Datasheet HTML 7Page - Analog Devices LTC4271 Datasheet HTML 8Page - Analog Devices LTC4271 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
LTC9101-2/LTC9102
5
Rev. 0
For more information www.analog.com
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. AGND – VEE = 55V and VDD – DGND = 3.3V unless otherwise noted.
(Notes 3 and 4)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Digital Interface
VILD
Digital Input Low Voltage
ADn, RESET, OSS, CFGn (Note 6)
l
0.8
V
I2C Input Low Voltage
SCL, SDAIN (Note 6)
l
1
V
VIHD
Digital Input High Voltage
(Note 6)
l
2.2
V
Digital Output Low Voltage
ISDAOUT = 3mA, IINT = 3mA
ISDAOUT = 5mA, IINT = 5mA
l
l
0.4
0.7
V
V
Internal Pull-Up to VDD
ADn, RESET, OSS
50
kΩ
Internal Pull-Down to DGND
CFG0
50
kΩ
EXT3 Pull-Down to VEE
50
kΩ
IDn Internal Pull-Up to CAP4
IDn = 0V
5
μA
PSE Timing Characteristics (Note 7)
tDET
Detection Time
Beginning to End of Detection
l
380
500
ms
tCLASS_RESET Classification Reset Duration
l
15
ms
tCEV
Class Event Duration
l
6
15
20
ms
tCEVON
Class Event Turn On Duration
CPORT = 0.6µF
l
0.1
ms
tLCE
Long Class Event Duration
l
88
105
ms
tCLASS
Class Event ICLASS Measurement Timing
l
6
ms
tCLASS_LCE
Long Class Event ICLASS Measurement Timing
l
6
75
ms
tCLASS_ACS
Autoclass ICLASS Measurement Timing
l
88
105
ms
tME1
Mark Event Duration (Except Last Mark Event)
(Note 11)
l
6
9.6
12
ms
tME2
Last Mark Event Duration
(Note 11)
l
6
20
ms
tPON
Power On Delay, Auto Mode
From End of Valid Detect to End of Valid
Inrush (Note 14)
l
400
ms
tAUTO_PSE1
Autoclass Power Measurement Start
From End of Inrush to Beginning of Autoclass
Power Measurement
l
1.4
1.6
s
tAUTO_PSE2
Autoclass Power Measurement End
From End of Inrush to End of Autoclass Power
Measurement
l
3.1
3.5
s
tAUTO_WINDOW Autoclass Average Power Sliding Window
l
0.15
0.23
0.3
s
tED
Fault Delay
From Power On Fault to Next Detect
l
1.0
1.3
1.8
s
tSTART
Maximum Current Limit Duration During Inrush
l
50
60
75
ms
tLIM
Maximum Current Limit Duration After Inrush
(Note 12)
Type 1, tLIMn = 0x0
Spare, tLIMn = 0x1 (Type 3/4 Chip Set)
Type 2 and 3, tLIMn = 0x2
Type 4, tLIMn = 0x3
50
15
10
6
15
11
22
17
ms
ms
ms
ms
tMPS
Maintain Power Signature (MPS) Pulse Width
Sensitivity
Current Pulse Width to Reset Disconnect
Timer (Note 8)
l
6
ms
tDIS
Maintain Power Signature (MPS) Dropout Time
(Note 5)
l
320
370
400
ms
tBIT
Bit Duration
l
24
25
26
μs
tOSS-OFF
Shutdown Priority Delay
l
6.5
10
μs
tr_OSS
OSS Rise Time
l
1
300
ns
tf_OSS
OSS Fall Time
l
1
300
ns
tOSS_IDL
OSS Idle Time
50
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com