Electronic Components Datasheet Search
  English  ▼

X  

LTC4263 Datasheet(PDF) 27 Page - Analog Devices

Part # LTC4263
Description  12/24-Port IEEE 802.3bt PoE PSE Controller
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4263 Datasheet(HTML) 27 Page - Analog Devices

Back Button LTC4263 Datasheet HTML 23Page - Analog Devices LTC4263 Datasheet HTML 24Page - Analog Devices LTC4263 Datasheet HTML 25Page - Analog Devices LTC4263 Datasheet HTML 26Page - Analog Devices LTC4263 Datasheet HTML 27Page - Analog Devices LTC4263 Datasheet HTML 28Page - Analog Devices LTC4263 Datasheet HTML 29Page - Analog Devices LTC4263 Datasheet HTML 30Page - Analog Devices LTC4263 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 44 page
background image
LTC9101-2/LTC9102
27
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
The TLIM register is used to adjust the tLIM setting for each
channel and is a minimum time. Two bits are assigned
to each channel, as shown in Table 14. These bits are
automatically set during startup in Auto mode. tLIM can
be adjusted while a channel is active.
Table 14. TLIM Settings
FIELD
TLIM
00b (Default)
Type 1 TLIM 50ms
01b
Spare TLIM 15ms
10b
Type 2 and 3 TLIM 10ms
11b
Type 4 TLIM 6ms
When a channel ILIM event occurs, if the corresponding
port’s 4P ILIM Behavior bit is set and a Single-Signature
PD is 4-Pair powered, both channels will be turned off
and both ILIM faults will be set.
MOSFET Fault Detection
LTC9101-2/LTC9102 PSE ports are designed to tolerate
significant levels of abuse, but in extreme cases it is pos-
sible for an external MOSFET to be damaged. A failed
MOSFET may short source to drain, which will make the
port appear to be on when it should be off; this condition
may also cause the sense resistor to fuse open, turning
off the port but causing SENSE to rise to an abnormally
high voltage. A failed MOSFET may also short from gate to
drain, causing GATE to rise to an abnormally high voltage.
OUT, SENSE and GATE are designed to tolerate up to 80V
faults without damage.
If the LTC9101-2/LTC9102 detects any of these condi-
tions for more than 3.8ms, it disables all port functionality,
reduces the gate drive pull-down current for the port and
reports a MOSFET Fault detection status. This is typically
a permanent fault, but the host can attempt to recover by
resetting the port, setting the port to shutdown mode, or
by resetting the entire chip if a port reset fails to clear the
fault. If the MOSFET is in fact bad, the fault will quickly
return, and the port will disable itself again. The remaining
ports of the LTC9101-2/LTC9102 are unaffected.
An open or missing MOSFET will not trigger a MOSFET
Fault detection status, but will cause a start fault if the
LTC9101-2/LTC9102 attempts to turn on the port.
In particular, the port policing feature may be used to
ensure delivery of PD Class power while staying below
100W Limited Power Source (LPS) requirements.
Channel Power Policing
The channel power policing threshold (2P Police) is
monitored on a per-channel basis, up to 128W in 0.5W
increments (typical). When the channel output power
over a one second moving average exceeds the specified
threshold, power will be removed from the channel and
the corresponding PCUT fault will be set.
When a channel 2P Police event occurs, if the correspond-
ing port’s 4P PCUT Behavior bit is set and a 4P SS PD is
powered, both channels will be turned off and both PCUT
faults will be set.
Current Limit
Each LTC9101-2/LTC9102 channel includes an implicit
current limiting threshold (ILIM-2P), with a correspond-
ing timer (tLIM). The ILIM-2P threshold is a function of the
applied 2P Police threshold as shown in Table 12 and
Table 13.
Table 12. ILIM Values, Single-Signature PD
2P POLICE
ILIM
0.5W to 15.5W
425mA
16W to 45W
850mA
45.5W to 53.5W
1063mA
54W and Higher
1167mA
Table 13. ILIM Values, Dual-Signature PD
2P POLICE
ILIM
0.5W to 15.5W
425mA
16W to 30W
850mA
30.5W and Higher
1167mA
The LTC9101-2/LTC9102 will actively control the MOSFET
gate drive to keep the channel current below ILIM-2P. The
LTC9101-2/LTC9102 ILIM-2P threshold is implemented
as a two-stage foldback circuit that reduces the chan-
nel current if the channel voltage falls below the normal
operating voltage. This keeps MOSFET power dissipation
at safe levels. The ILIM-2P current limiting circuit is always
enabled and actively limiting channel current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com