Electronic Components Datasheet Search
  English  ▼

X  

24761221 Datasheet(PDF) 23 Page - Toshiba Semiconductor

Part # 24761221
Description  COLOR TELEVISION N0NSP Chassis
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

24761221 Datasheet(HTML) 23 Page - Toshiba Semiconductor

Back Button 24761221 Datasheet HTML 19Page - Toshiba Semiconductor 24761221 Datasheet HTML 20Page - Toshiba Semiconductor 24761221 Datasheet HTML 21Page - Toshiba Semiconductor 24761221 Datasheet HTML 22Page - Toshiba Semiconductor 24761221 Datasheet HTML 23Page - Toshiba Semiconductor 24761221 Datasheet HTML 24Page - Toshiba Semiconductor 24761221 Datasheet HTML 25Page - Toshiba Semiconductor 24761221 Datasheet HTML 26Page - Toshiba Semiconductor 24761221 Datasheet HTML 27Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 50 page
background image
– 25 –
WARNING: BEFORE SERVICING THIS CHASSIS, READ THE “X-RAY RADIATION PRECAUTION”, “SAFETY PRE-
CAUTION” AND “PRODUCT SAFETY NOTICE” ON PAGE 3 OF THIS MANUAL.
CAUTION: The international hazard symbols “
” in the schematic diagram and the parts list designate components
which have special characteristics important for safety and should be replaced only with types identical to those in the
original circuit or specified in the parts list. The mounting position of replacements is to be identical with originals.
Before replacing any of these components, read carefully the PRODUCT SAFETY NOTICE. Do not degrade the
safety of the receiver through improper servicing.
NOTICE:
• The part number must be used when ordering parts, in order to assist in processing, be sure to include the Model
number and Description.
• The PC board assembly with * mark is no longer available after the end of the production.
Models : 50A60/50A50/55A60/61A60
Capacitors ............. CD
:
Ceramic Disk
PF
:
Plastic Film
EL
:
Electrolytic
Resistors ............... CF
:
Carbon Film
CC
:
Carbon Composition
MF
:
Metal Film
OMF :
Oxide Metal Film
VR
:
Variable Resistor
FR
:
Fusible Resistor
(All CD and PF capacitors are
±5%, 50V and all resistors, ±5%, 1/6W unless otherwise noted.)
CHASSIS REPLACEMENT PARTS LIST
Location
No.
Part No.
Description
Location
No.
Part No.
Description
CAPACITORS
CAPACITORS
CAPACITORS
CAPACITORS
CAPACITORS
C102
24665221
EL, 220?F,
±20%, 10V
C105
24815102
Chip, 0.001?F,
±10%
C106
24669479
EL, 4.7?F,
±20%, 50V
C107
24666221
EL, 220?F,
±20%, 16V
C112
24665221
EL, 220?F,
±20%, 10V
(50A60/55A60/61A60)
C115
24815102
Chip, 0.001?F,
±10%
(50A60/55A60/61A60)
C117
24666221
EL, 220?F,
±20%, 16V
(50A60/55A60/61A60)
C151
24815102
Chip, 0.001?F,
±10%
(50A60/55A60/61A60)
C201
24666100
EL, 10?F,
±20%, 16V
C203
24092178
Chip, 0.1?F,
±10%, 25V
C204
24669010
EL, 1?F,
±20%, 50V
C205
24206229
EL, 2.2?F,
±20%, 50V
C206
24666100
EL, 10?F,
±20%, 16V
C207
24781390
Chip, 39pF, SL
C208
24781390
Chip, 39pF, SL
C209
24781390
Chip, 39pF, SL
C212
24666100
EL, 10?F,
±20%, 16V
C213
24092616
Chip, 0.33?F,
±10%, 16V
C220
24709100
EL, 10?F,
±20%, 200V
C301
24815683
Chip, 0.068?F,
±10%
C302
24092463
Chip, 0.22?F,
±10%, 16V
C303
24666101
EL, 100?F,
±20%, 16V
C304
24092178
Chip, 0.1?F,
±10%, 25V
C305
24815103
Chip, 0.01?F,
±10%
C306
24815102
Chip, 0.001?F,
±10%
C307
24617912
EL, 2.2?F,
±10%, 50V
C309
24815102
Chip, 0.001?F,
±10%
C311
24815103
Chip, 0.01?F,
±10%
C312
24815102
Chip, 0.001?F,
±10%
C313
24092573
Chip, 0.47?F,
±10%, 16V
C314
24092178
Chip, 0.1?F,
±10%, 25V
C315
24666222
EL, 2200?F,
±20%, 16V
C316
24666101
EL, 100?F,
±20%, 16V
C317
24815222
Chip, 0.0022?F,
±10%
C318
24815182
Chip, 0.0018?F,
±10%
C319
24667101
EL, 100?F,
±20%, 25V
C320
24667101
EL, 100?F,
±20%, 25V
C321
24667101
EL, 100?F,
±20%, 25V
C322
24815393
Chip, 0.039?F,
±10%
C323
24815563
Chip, 0.056?F,
±10%
C324
24669101
EL, 100?F,
±20%, 50V
C325
24082057
PF, 0.22?F, 100V
C326
24092463
Chip, 0.22?F,
±10%, 16V
(50A60/55A60/61A60)
C327
24092463
Chip, 0.22?F,
±10%, 16V
C328
24082260
PF, 4700pF, 100V
C329
24669100
EL, 10?F,
±20%, 50V
(50A60/55A60/61A60)
C330
24085946
EL, 10?F,
±20%, 16V,
Non-Polar (50A60/55A60/61A60)
C331
24815333
Chip, 0.033?F,
±10%
C332
24669221
EL, 220?F,
±20%, 50V
C333
24693473
PF, 0.047?F, 100V
C334
24591471
PF, 470pF
C335
24092178
Chip, 0.1?F,
±10%, 25V
(50A60/55A60/61A60)
C336
24815472
Chip, 0.0047?F,
±10%
(50A60/55A60/61A60)
C340
24092463
Chip, 0.22?F,
±10%, 16V
C350
24669229
EL, 2.2?F,
±20%, 50V
C351
24092178
Chip, 0.1?F,
±10%, 25V
C352
24669229
EL, 2.2?F,
±20%, 50V
C401
24092178
Chip, 0.1?F,
±10%, 25V
C401
24214821
CD, 820pF,
±10%, 500V
C402
24214391
CD, 390pF,
±10%, 500V
C402
24815223
Chip, 0.022?F,
±10%
C403
24678100
EL, 10?F,
±20%, 200V
C404
24212152
CD, 1500pF,
±10%
C404
24669229
EL, 2.2?F,
±20%, 50V
C405
24567124
PF, 0.12?F
* C406
24082823
PF, 1500pF,
±3%, 1800V
* C407
24082946
PF, 4700pF,
±3%, 1500V
* C408
24820123
PF, 0.012?F,
±10%, 630V
C410
24095900
PF, 3.3?F,
±10%, 100V
C412
24828473
PF, 0.047?F, 200V
C413
24214221
CD, 220pF,
±10%, 500V
* C414
24095782
PF, 0.47?F, 400V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com