Electronic Components Datasheet Search
  English  ▼

X  

DS4402N Datasheet(PDF) 4 Page - Dallas Semiconductor

Part # DS4402N
Description  Two/Four-Channel, I2C Adjustable Current DAC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS4402N Datasheet(HTML) 4 Page - Dallas Semiconductor

  DS4402N Datasheet HTML 1Page - Dallas Semiconductor DS4402N Datasheet HTML 2Page - Dallas Semiconductor DS4402N Datasheet HTML 3Page - Dallas Semiconductor DS4402N Datasheet HTML 4Page - Dallas Semiconductor DS4402N Datasheet HTML 5Page - Dallas Semiconductor DS4402N Datasheet HTML 6Page - Dallas Semiconductor DS4402N Datasheet HTML 7Page - Dallas Semiconductor DS4402N Datasheet HTML 8Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Two/Four-Channel, I2C Adjustable Current DAC
4
______________________________________________________________________
VCC
VCC
RFS0
RFS1
RFS2
RFS3
SDA SCL
A1
A0
GND
FS0
FS1
OUT1
OUT0
CURRENT
DAC0
F8h
F9h
SOURCE OR
SINK MODE
FS2
OUT2
FS3
OUT3
CURRENT
DAC3
31-POSITIONS
EACH FOR SINK
AND SOURCE
MODE
FAh
FBh
DS4402/DS4404
DS4404
CURRENT
DAC1
CURRENT
DAC2
I2C-COMPATIBLE
SERIAL INTERFACE
Figure 1. Functional Diagram
Pin Description
PIN
DS4404
DS4402
NAME
FUNCTION
1
1
SDA
I2C Serial Data. Input/output for I2C data.
2
2
SCL
I2C Serial Clock. Input for I2C clock.
3
3
GND
Ground
4
—
FS3
5
—
FS2
6
6
FS1
7
7
FS0
Full-Scale Calibration Input. A resistor to ground on these pins determines the full-scale
current for each output. FS0 controls OUT0, FS1 controls OUT1, etc. (DS4402 has only
two inputs: FS0 and FS1.)
8
8
OUT0
10
10
OUT1
12
—
OUT2
14
—
OUT3
Current Output. Sinks or sources the current determined by the I2C interface and the
resistance connected to FSx. (DS4402 has only two outputs: OUT0 and OUT1.)
9, 11
9, 11
A0, A1
Address Select Inputs. Tri-level inputs (VCC, GND, N.C.) determine the I2C slave address.
See the Detailed Description section for the nine available device addresses.
13
13
VCC
Power Supply
—
4, 5, 12, 14
N.C.
No Connection
——
EP
Exposed Pad. Leave floating or connect to GND.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com