Electronic Components Datasheet Search
  English  ▼

X  

DS4404 Datasheet(PDF) 3 Page - Dallas Semiconductor

Part # DS4404
Description  Two/Four-Channel, I2C Adjustable Current DAC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS4404 Datasheet(HTML) 3 Page - Dallas Semiconductor

  DS4404 Datasheet HTML 1Page - Dallas Semiconductor DS4404 Datasheet HTML 2Page - Dallas Semiconductor DS4404 Datasheet HTML 3Page - Dallas Semiconductor DS4404 Datasheet HTML 4Page - Dallas Semiconductor DS4404 Datasheet HTML 5Page - Dallas Semiconductor DS4404 Datasheet HTML 6Page - Dallas Semiconductor DS4404 Datasheet HTML 7Page - Dallas Semiconductor DS4404 Datasheet HTML 8Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Two/Four-Channel, I2C Adjustable Current DAC
_____________________________________________________________________
3
Note 1: All voltages with respect to ground. Currents entering the IC are specified positive, and currents exiting the IC are negative.
Note 2: Supply current specified with all outputs set to zero current setting with all inputs (except A1 and A0, which can be open) driven
to well-defined logic levels. SDA and SCL are connected to VCC. Excludes current through RFS resistors (IRFS). Total current
including IRFS is ICC + (2 x IRFS).
Note 3: The output-voltage full-scale current ranges must be satisfied to ensure the device meets its accuracy and linearity specifications.
Note 4: Temperature drift excludes drift caused by external resistor.
Note 5: Differential linearity is defined as the difference between the expected incremental current increase with respect to position
and the actual increase. The expected incremental increase is the full-scale range divided by 31.
Note 6: Integral linearity is defined as the difference between the expected value as a function of the setting and the actual value.
The expected value is a straight line between the zero and the full-scale values proportional to the setting.
Note 7: Timing shown is for fast-mode (400kHz) operation. This device is also backward compatible with I2C standard-mode timing.
Note 8: CB—total capacitance of one bus line in pF.
OUTPUT CURRENT CHARACTERISTICS (continued)
(VCC = +2.7V to +5.5V, TA = -40°C to +85°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output-Current Power-Supply
Rejection Ratio
DC
0.33
%/V
Output Leakage Current at Zero
Current Setting
IZERO
-1
+1
µA
Output-Current Differential
Linearity
DNL
(Note 5)
0.5
LSB
Output-Current Integral Linearity
INL
(Note 6)
1
LSB
I2C AC ELECTRICAL CHARACTERISTICS
(VCC = +2.7V to +5.5V, TA = -40°C to +85°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SCL Clock Frequency
fSCL
(Note 7)
0
400
kHz
Bus Free Time Between STOP
and START Conditions
tBUF
1.3
µs
Hold Time (Repeated) START
Condition
tHD:STA
0.6
µs
Low Period of SCL
tLOW
1.3
µs
High Period of SCL
tHIGH
0.6
µs
Data Hold Time
tDH:DAT
0
0.9
µs
Data Setup Time
tSU:DAT
100
ns
START Setup Time
tSU:STA
0.6
µs
SDA and SCL Rise Time
tR
(Note 8)
20 +
0.1CB
300
ns
SDA and SCL Fall Time
tF
(Note 8)
20 +
0.1CB
300
ns
STOP Setup Time
tSU:STO
0.6
µs
SDA and SCL Capacitive Loading
CB
(Note 8)
400
pF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com