Electronic Components Datasheet Search
  English  ▼

X  

0CE226DF618 Datasheet(PDF) 13 Page - Toshiba Semiconductor

Part # 0CE226DF618
Description  PROJECTION TV
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

0CE226DF618 Datasheet(HTML) 13 Page - Toshiba Semiconductor

Back Button 0CE226DF618 Datasheet HTML 9Page - Toshiba Semiconductor 0CE226DF618 Datasheet HTML 10Page - Toshiba Semiconductor 0CE226DF618 Datasheet HTML 11Page - Toshiba Semiconductor 0CE226DF618 Datasheet HTML 12Page - Toshiba Semiconductor 0CE226DF618 Datasheet HTML 13Page - Toshiba Semiconductor 0CE226DF618 Datasheet HTML 14Page - Toshiba Semiconductor 0CE226DF618 Datasheet HTML 15Page - Toshiba Semiconductor 0CE226DF618 Datasheet HTML 16Page - Toshiba Semiconductor 0CE226DF618 Datasheet HTML 17Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
- 16 -
ADJUSTMENT INSTRUCTIONS
11. Screen Position Adjustment
11-1. Required Test Equipments
Remote Control for Adjustment
11-2. Horizontal Position Adjustment
(1) Press ADJ key on the remote control to enter the
adjustment mode.
(2) Select the POSITION of the adjustment menu.
(3) Appear the adjustment pattern as below figure.
(4) Change data with using the VOLUME key on the remote
control in order to be left/right semmetry screen.
(5) In case of over variable range is N.G.
11-3. Vertical Position Adjustment
(1) Change data with using the CHANNEL key on the remote
control in order to be upper/down semmetry screen.
(Refer to <Fig. 14>)
(2) In case of over variable range is N.G.
[ After adjustment completed, recieve NTSC-M Digital Pattern
and check the adjusment level.
12. White Balance Adjustment
(Day Light Mode) : R fixation
12-1. Required Test Equipments
CA110 or CA210
12-2. White base value (Medium)
x = 0.283¡ 0.01, y = 0.297¡ 0.01
12-3. Adjustment Sequence
(1) Install the equipment(CA110) be 20cm(CA210: 5cm) away
from screen center.
(2) Select White balance by pressing ADJ Mode Key on
Remote control.
(3) Warm(6500
cK) : x = 0.313, y = 0.320
1) R Gain 110 fixation
2) Adjust white balance changing G, B gain.
3) Offset fixation R/G/B --> -8, -10, -8
(4) Medium(9300
cK) : x = 0.283, y = 0.297
1) R Gain 112 fixation
2) Adjust white balance changing G, B gain.
3) Offset fixation R/G/B --> -11, -11, -8
(5) Cool(12000
cK) : x = 0.275, y = 0.277
1) R Gain 112 fixation
2) Adjust white balance changing G, B gain.
3) Offset fixation R/G/B --> -12, -13, -8
* Reference : Spoke Func. -> 0
Gamma table -> 0
Lamp Type -> 1(OSR2/PHIL)
Img. Orient. -> 0
H Position: 199
V Position: 15
<Fig. 13> Pattern for Screen Adjustment
Adjustment
Adjustment
<Fig. 14>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com