Electronic Components Datasheet Search
  English  ▼

X  

23527074 Datasheet(PDF) 13 Page - Toshiba Semiconductor

Part # 23527074
Description  COLOR TELEVISION N0NSP Chassis
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

23527074 Datasheet(HTML) 13 Page - Toshiba Semiconductor

Back Button 23527074 Datasheet HTML 9Page - Toshiba Semiconductor 23527074 Datasheet HTML 10Page - Toshiba Semiconductor 23527074 Datasheet HTML 11Page - Toshiba Semiconductor 23527074 Datasheet HTML 12Page - Toshiba Semiconductor 23527074 Datasheet HTML 13Page - Toshiba Semiconductor 23527074 Datasheet HTML 14Page - Toshiba Semiconductor 23527074 Datasheet HTML 15Page - Toshiba Semiconductor 23527074 Datasheet HTML 16Page - Toshiba Semiconductor 23527074 Datasheet HTML 17Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 50 page
background image
– 13 –
CONVERGENCE ADJUSTMENT
Adjust convergence from center to circumference in order.
RCUT
40H
2. Press “7” button to display the built-in cross-hatch pattern.
1. Select the adjustment mode following the steps on page 9.
Cursor
27.5
P = 50.5 x14 (50")
55.8 x14 (55")
62 x14 (61")
KEY FUNCTION IN THE
CONVERGENCE ADJUSTMENT:
Up :
2 button
Selet Green color:
3 button
Left :
4 button
Blinking of cursor ON/OFF: 5 button
Right:
6 button
Adjust mode ON/OFF:
7 button
Down:
8 button
Erase Green line:
0 button
Erase Red line:
100 button
Erase Blue line:
CHRTN (ENT) button
27.5
44
P = 84 x12 (50")
92 x12 (55")
103 x12 (61")
The pattern includes three colors (R, G, B).
The cursor should be blinking in Red.
This means that the Red color is adjustable.
Adjustment around cursor can be done.
3. Press “3” button to select Green color to be adjusted.
4. Press “5” button to stop the blinking of cursor.
5. Press “2 (up)”, “8 (down)”, “4 (left)” or “6 (right)” to obtain the correct
cross-hatch pattern as above.
If necessary, the specified color line can be erased from the screen.
100 button .................. to erase Red line
0 button .................. to erase Green line
RTN (ENT) button .................. to erase Blue line
6. Press “5” button to make the cursor blinking.
7. Press “2”, “8”, “4”, “6” buttons to move the cursor to other point to be
adjusted.
8. Repeat steps 4 to 7.
9. Repeat steps 3 to 8 to adjust Red and Blue colors.
Converge the selected color line into the Green line.
10. Press “7” button to enter the adjusted states.
At this time, picture changes for about 1 second.
11. Press “7” button again to return to the normal picture.
Note:
Adjusting procedure in replacing conver-
gence board.
1. User convergence center check. Make
sure the best convergence setting is
about the center of adjustable range.
2. CENTERING ADJUSTMENT
3. PICTURE POSITION ADJUSTMENT
4. HIT, WID ADJUSTMENT
5. CONVERGENCE ADJUSTMENT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com