Electronic Components Datasheet Search
  English  ▼

X  

2SC1569 Datasheet(PDF) 71 Page - Toshiba Semiconductor

Part # 2SC1569
Description  COLOUR TELEVISION C9PJ Chassis
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC1569 Datasheet(HTML) 71 Page - Toshiba Semiconductor

Back Button 2SC1569 Datasheet HTML 67Page - Toshiba Semiconductor 2SC1569 Datasheet HTML 68Page - Toshiba Semiconductor 2SC1569 Datasheet HTML 69Page - Toshiba Semiconductor 2SC1569 Datasheet HTML 70Page - Toshiba Semiconductor 2SC1569 Datasheet HTML 71Page - Toshiba Semiconductor 2SC1569 Datasheet HTML 72Page - Toshiba Semiconductor 2SC1569 Datasheet HTML 73Page - Toshiba Semiconductor 2SC1569 Datasheet HTML 74Page - Toshiba Semiconductor 2SC1569 Datasheet HTML 75Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 126 page
background image
CAUTION: The international hazard symbols "*" in the schematic diagram and the parts list designate components
which have special characteristics important for safety and should be replaced only with types identical to those in the
original circuit or specified in the parts list. The mounting position of replacements is to be identical with originals.
Before replacing any of these components, read carefully the PRODUCT SAFETY NOTICE on page 3. Do not
degrade the safety of the receiver through improper servicing.
SCHEMATIC DIAGRAM
MODEL :
40PW03G /
40PW03B
CBSERVATION OF VOLTAGES AND WAVEFORMS
1. Voltages read with VTVM from point shown to chassis ground, line voltages 220
volts, colour bar signal. Voltage reading may vary
±20%.
2. All waveforms are taken using a wide band oscilloscope and a low capacity probe.
3. Waveforms are taken using a standard colour bar signal.
4. Make sure that CONTRAST and COLOUR controls are in mid position and
BRIGHTNESS control is almost in maximum position. Set other controls for best picture.
EXPRESSION
VALUE OF RESISTOR, CAPACITOR and INDUCTOR
1. Resistance is shown in ohm, K=1,000, M=1,000,000
2. Unless other wise noted in schematic, all capacitor values less than 1 are expressed
in ?F and the values more than 1 in pF.
3. Unless other wise noted in schematic, all inductor values more than 1 are expressed
in ?H, and the values less than 1 in H.
NOTES:
1. D.C. resistance value of a principal transformer is shown in this schematic diagram.
These are measured for separated from the circuit.
2. The circuits are subject to change without notice.
3.
: Solder links.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com