Electronic Components Datasheet Search
  English  ▼

X  

15OSC0502 Datasheet(PDF) 1 Page - Mimix Broadband

Part # 15OSC0502
Description  14.7-15.7 GHz GaAs MMIC Voltage Controlled Oscillator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

15OSC0502 Datasheet(HTML) 1 Page - Mimix Broadband

  15OSC0502 Datasheet HTML 1Page - Mimix Broadband 15OSC0502 Datasheet HTML 2Page - Mimix Broadband 15OSC0502 Datasheet HTML 3Page - Mimix Broadband 15OSC0502 Datasheet HTML 4Page - Mimix Broadband 15OSC0502 Datasheet HTML 5Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©
2005 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
May 2005 - Rev 05-May-05
Units
GHz
GHz
dBm
dBm
dBc/Hz
dBc/Hz
dBc
dBc
dBc
MHz/Volt
VDC
VDC
mA
Min.
14.7
1.84
-
-
-
-
-
-
-
-
-
+1.0
-
Typ.
-
-
+5.0
+2.0
-88.0
-113.0
-35.0
-45.0
-42.0
40.0
+4.0
-
110
Max.
15.7
1.96
-
-
-
-
-
-
-
-
-
+6.0
130
14.7-15.7 GHz GaAs MMIC
Voltage Controlled Oscillator
Page 1 of 5
Features
On-Chip Prescaler
+5.0 dBm Output Power
-35 dBc Harmonic Suppression
-88 dBc/Hz @ 100KHz Phase Noise
110mA @ 4.0V Bias Supply
100% On-Wafer, DC and Output Power Testing
100% Visual Inspection to MIL-STD-883
Method 2010
General Description
Parameter
Supply Voltage (Vcc1,2,3)
Supply Voltage (Vtune)
Supply Current (Icc1,2,3)
Supply Current (Itune)
Storage Temperature (Tstg)
Operating Temperature (Ta)
Junction Temperature (Tjn)
+5.0 VDC
+7.0 VDC
150 mA
1 mA
-65 to +165 OC
-55 to MTTF Table
MTTF Table
Chip Device Layout
(1) Junction temperature affects a device's MTTF. It is
recommended to keep channel temperature as low as
possible for maximum life.
1
1
Mimix Broadband's 14.7-15.7 GHz GaAs HBT VCO is a fully
integrated oscillator MMIC with on-chip frequency doubler
and divide-by-8 prescaler (w.r.t RFout). This design is based on
a cross coupled differential pair with on-chip tuning diode and
resonator. The use of a high-Q resonator structure and
integrated varactor diodes results in optimum phase-noise
performance, whilst the integration of frequency doubler and
prescaler reduce application complexity and time-to-market.
This MMIC uses Mimix Broadband's 2 um GaAs HBT device
model technology to ensure low flicker (1/f ) noise and high
reliability. The chip has surface passivation to protect and
provide a rugged part with backside via holes and gold
metallization to allow either a conductive epoxy or eutectic
solder die attach process. This device is well suited for
Millimeter-wave Point-to-Point Radio, LMDS, SATCOM and VSAT
applications.
Electrical Characteristics (Ambient Temperature T = 25
o
C)
Absolute Maximum Ratings
Frequency Range (f )
Prescaler Frequency Range (f )
Fundamental Output Power (Pout)
Prescaler Output Power (Pout)
SSB Phase Noise @ 100 kHz Offset
SSB Phase Noise @ 1 MHz Offset
Subharmonic Suppression
2nd Harmonic Suppression
3rd Harmonic Suppression
Frequency Pushing (Vcc)
Supply Voltage (Vcc)
Frequency Tuning Voltage (Vtune)
Supply Current (Icc) (Vcc=4.0V Typical)
15OSC0502


Similar Part No. - 15OSC0502

ManufacturerPart #DatasheetDescription
logo
International Rectifier
15OUR120DL IRF-15OUR120DL Datasheet
89Kb / 6P
STANDARD RECOVERY DIODES
More results

Similar Description - 15OSC0502

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
6OSC0460 MIMIX-6OSC0460 Datasheet
277Kb / 5P
5.5-6.5 GHz GaAs MMIC Voltage Controlled Oscillator
6OSC0461 MIMIX-6OSC0461 Datasheet
279Kb / 5P
5.8-6.9 GHz GaAs MMIC Voltage Controlled Oscillator
7OSC0462 MIMIX-7OSC0462 Datasheet
278Kb / 5P
6.4-7.4 GHz GaAs MMIC Voltage Controlled Oscillator
7OSC0463 MIMIX-7OSC0463 Datasheet
279Kb / 5P
6.8-7.9 GHz GaAs MMIC Voltage Controlled Oscillator
8OSC0464 MIMIX-8OSC0464 Datasheet
276Kb / 5P
7.4-8.6 GHz GaAs MMIC Voltage Controlled Oscillator
14OSC0501 MIMIX-14OSC0501 Datasheet
209Kb / 5P
14.2-15.2 GHz GaAs MMIC Voltage Controlled Oscillator
XQ1000-BD MIMIX-XQ1000-BD Datasheet
200Kb / 5P
5.5-6.5 GHz GaAs MMIC Voltage Controlled Oscillator
XQ1001-BD MIMIX-XQ1001-BD Datasheet
197Kb / 5P
5.8-6.9 GHz GaAs MMIC Voltage Controlled Oscillator
XQ1002-BD MIMIX-XQ1002-BD Datasheet
196Kb / 5P
6.4-7.4 GHz GaAs MMIC Voltage Controlled Oscillator
XQ1006-BD MIMIX-XQ1006-BD Datasheet
392Kb / 5P
14.7-15.7 GHz GaAs MMIC Voltage Controlled Oscillator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com