Electronic Components Datasheet Search
  English  ▼

X  

2CP5 Datasheet(PDF) 2 Page - Sensata Technologies, Inc.

Part # 2CP5
Description  HVAC/Refrigeration Pressure Sensor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

2CP5 Datasheet(HTML) 2 Page - Sensata Technologies, Inc.

  2CP5 Datasheet HTML 1Page - Sensata Technologies, Inc. 2CP5 Datasheet HTML 2Page - Sensata Technologies, Inc. 2CP5 Datasheet HTML 3Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.sensata.com
Page 2
Copyright © 2018 Sensata Technologies, Inc.
Sample PN
Production PN
Description
2CP5B0520150ANN
2CP5-71-46
Brass, 0 to 150 psia
2CP5B0520200ANN
ANN 2CP5-71-49
Brass, 0 to 200 psia
2CP5B0520300SNN
NN 2CP5-71-50
Brass, 0 to 300 psis
2CP5B0520400SNN
N 2CP5-71-51
Brass, 0 to 400 psis
2CP5B0520500SNN
2CP5-71-47
Brass, 0 to 500 psis
2CP5S0520500SNN
2CP5-71-48
Steel, 0 to 500 psis
Material
Refridgerant
Maximum Seal Temperature Range
HNBR
(Hydrogenated Nitrile)
R134a, R404a, R407c,
R410a, R507
-20°C to 135°C
Neoprene
R12, R22, R134a, R404a,
R407c, R410a, R502, R507
-40°C to 120°C
STANDARDS
SEAL MATERIALS
Supply Voltage
4.5 to 5.5 VDC
Output Voltage
0.5 to 4.5 VDC typical
Supply Current
7 mA (max @ 5.5 VDC no load)
Output Current
2.5 mA (max sinked or source)
Output Load
10K ohms typical
Output Response Time
10mS
Overvoltage Protection
16 VDC
Reverse Voltage
-14 VDC
Short Circuit Protected
Yes
EMC (512MHz to 1 GHz)
50 V/m
EMC (1 MHz to 512 MHz)
100 V/m
ESD (CDF-AEC-Q100-002)
15 kV
DIMENSIONAL DRAWINGS



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com