Electronic Components Datasheet Search
  English  ▼

X  

2CP50 Datasheet(PDF) 1 Page - Sensata Technologies, Inc.

Part # 2CP50
Description  HVAC/Refrigeration Pressure Sensor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

2CP50 Datasheet(HTML) 1 Page - Sensata Technologies, Inc.

  2CP50 Datasheet HTML 1Page - Sensata Technologies, Inc. 2CP50 Datasheet HTML 2Page - Sensata Technologies, Inc. 2CP50 Datasheet HTML 3Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1
www.sensata.com
Copyright © 2018 Sensata Technologies, Inc.
| 2CP5 & 2CP50 SERIES
HVAC/Refrigeration Pressure Sensor
SPECIFICATIONS
Features
Introduction
Applications
• UL recognized
• Ceramic capacitive sensor
• Durable, compact, low-cost design
• Accurate performance over wide temperatures
• Overvoltage and short circuit protected
The 2CP series is ideal for demanding air conditioning and refrigeration applications where long-term reliability and accuracy is a must. The 2CP series
provides proven reliability at a competitive price.
Sensata Technologies has been a leading global supplier of pressure sensors and switches for over 50 years. The 2CP has many options, consult the
factory to customize a 2CP to meet your application’s needs.
• Discharge and suction pressure monitoring
• Subcooling and superheat calculations
• Compressor oil pressure monitoring
• Condenser fan control
• Compressor staging and unloading
• Electronic expansion valve control
• Remote systems diagnostics and trending
Pressure Ranges
0 to 15 psi, through 0 to 750 psi
Accuracy
±0.8% F.S. (linearity, hysteresis, repeatability and calibration)
Static error band @ 25°C, 5.0VDC
Total Error Band
±1.0% (-20°C to +85°C)
±1.5% (-40°C to +125°C)
Operating Temperature
-40°C to +135°C
Storage Temperature
40°C to +150°C
Proof Pressure
5X 15 to 75 psi, 3X 100 to 300 psi, 2X 500+ psi
Burst Pressure
2CP5 - 5x operating pressure
2CP50 - 3x operating pressure
Cycle Life
10M F.S. cycles
Random Vibration
11g (50 to 2000 Hz)
Drop (any Axis)
1.5m
Electrical Connection
Nema 4X, IP65


Similar Part No. - 2CP50

ManufacturerPart #DatasheetDescription
logo
ABB
2CPX010487R9999 ABB-2CPX010487R9999 Datasheet
138Kb / 4P
U51 U Compact distribution board, Flush mounting, 60 SU, Isolated (Class II), IP31, Field Width: 1, Rows: 5, 834 mm x 310 mm x 120 mm
2024/02/05
2CPX010488R9999 ABB-2CPX010488R9999 Datasheet
138Kb / 4P
U51 U Compact distribution board, Flush mounting, 60 SU, Isolated (Class II), IP31, Field Width: 1, Rows: 5, 834 mm x 310 mm x 120 mm
2024/02/05
2CPX010489R9999 ABB-2CPX010489R9999 Datasheet
138Kb / 4P
U51 U Compact distribution board, Flush mounting, 60 SU, Isolated (Class II), IP31, Field Width: 1, Rows: 5, 834 mm x 310 mm x 120 mm
2024/02/05
2CPX010490R9999 ABB-2CPX010490R9999 Datasheet
138Kb / 4P
U51 U Compact distribution board, Flush mounting, 60 SU, Isolated (Class II), IP31, Field Width: 1, Rows: 5, 834 mm x 310 mm x 120 mm
2024/02/05
2CPX010491R9999 ABB-2CPX010491R9999 Datasheet
138Kb / 4P
U51 U Compact distribution board, Flush mounting, 60 SU, Isolated (Class II), IP31, Field Width: 1, Rows: 5, 834 mm x 310 mm x 120 mm
2024/02/05
More results

Similar Description - 2CP50

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P158-100A-C2A ETC2-P158-100A-C2A Datasheet
876Kb / 2P
Refrigeration Pressure Transducers
logo
Amphenol Corporation
A-1966 AMPHENOL-A-1966 Datasheet
106Kb / 2P
HVAC Duct Temperature Sensor
logo
List of Unclassifed Man...
G903AD-DC110 ETC1-G903AD-DC110 Datasheet
40Kb / 2P
Electric Heater,Air Conditioning, Automotive, Refrigeration Refrigeration, Appliances, Ventilator
logo
Renesas Technology Corp
ZMOD4450 RENESAS-ZMOD4450 Datasheet
946Kb / 18P
Gas Sensor Module for Refrigeration Air Quality
logo
Festo Corporation.
8035533 FESTO-8035533 Datasheet
108Kb / 2P
Pressure sensor
logo
SparkFun Electronics
SPX-16677 SPARKFUN-SPX-16677 Datasheet
226Kb / 2P
SparkX Refrigeration Gas Sensor - ZMOD4450 (Qwiic)
7??2??0
logo
Renesas Technology Corp
ZMOD4450 RENESAS-ZMOD4450_V01 Datasheet
752Kb / 22P
Gas Sensor Module for Refrigeration Air Quality
June 30, 2021
logo
EnOcean GmbH.
EHSMU ENOCEAN-EHSMU Datasheet
287Kb / 2P
HVAC Setback Module
v1.7
logo
E+E Elektronik Ges.m.b....
EE150 EPLUSE-EE150 Datasheet
1Mb / 8P
Humidity and Temperature Sensor for HVAC Applications
04-2023
EE650 EPLUSE-EE650 Datasheet
1Mb / 9P
Air Velocity Sensor for HVAC Applications
02-2023
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com