Electronic Components Datasheet Search
  English  ▼

X  

27TRX0357 Datasheet(PDF) 2 Page - Mimix Broadband

Part # 27TRX0357
Description  27.0-36.0 GHz GaAs MMIC Transmitter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

27TRX0357 Datasheet(HTML) 2 Page - Mimix Broadband

  27TRX0357 Datasheet HTML 1Page - Mimix Broadband 27TRX0357 Datasheet HTML 2Page - Mimix Broadband 27TRX0357 Datasheet HTML 3Page - Mimix Broadband 27TRX0357 Datasheet HTML 4Page - Mimix Broadband 27TRX0357 Datasheet HTML 5Page - Mimix Broadband 27TRX0357 Datasheet HTML 6Page - Mimix Broadband 27TRX0357 Datasheet HTML 7Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
27TRX0357
May 2005 - Rev 20-May-05
27.0-36.0 GHz GaAs MMIC
Transmitter
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©
2005 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
Page 2 of 7
Transmitter Measurements
0357 (IF = 3GHz, LO = -2, 0, +2dBm):
USB Conversion gain and Image Rejection vs. RF freq
-40
-38
-36
-34
-32
-30
-28
-26
-24
-22
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
2
4
6
8
10
12
14
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
RF freq (GHz)
, MeasFile=R3C3_0357_+2dBmLO_2302B_USB_9062004_1537.mix
, MeasFile=R3C6_0357_+2dBmLO_2302B_USB_9062004_1542.mix
, MeasFile=R4C4_0357_+2dBmLO_2302B_USB_9062004_1547.mix
, MeasFile=R5C2_0357_+2dBmLO_2302B_USB_9062004_1552.mix
, MeasFile=R6C4_0357_+2dBmLO_2302B_USB_9062004_1557.mix
, MeasFile=R3C3_0357_0dBmLO_2302B_USB_9062004_1502.mix
, MeasFile=R3C6_0357_0dBmLO_2302B_USB_9062004_1507.mix
, MeasFile=R4C4_0357_0dBmLO_2302B_USB_9062004_1511.mix
, MeasFile=R5C2_0357_0dBmLO_2302B_USB_9062004_1516.mix
, MeasFile=R6C4_0357_0dBmLO_2302B_USB_9062004_1521.mix
, MeasFile=R3C3_0357_-2dBmLO_2302B_USB_9062004_1415.mix
, MeasFile=R3C6_0357_-2dBmLO_2302B_USB_9062004_1419.mix
, MeasFile=R4C4_0357_-2dBmLO_2302B_USB_9062004_1424.mix
, MeasFile=R5C2_0357_-2dBmLO_2302B_USB_9062004_1429.mix
, MeasFile=R6C4_0357_-2dBmLO_2302B_USB_9062004_1433.mix
, MeasFile=R3C3_0357_+2dBmLO_2302B_USB_9062004_1537.mix
, MeasFile=R3C6_0357_+2dBmLO_2302B_USB_9062004_1542.mix
, MeasFile=R4C4_0357_+2dBmLO_2302B_USB_9062004_1547.mix
, MeasFile=R5C2_0357_+2dBmLO_2302B_USB_9062004_1552.mix
, MeasFile=R6C4_0357_+2dBmLO_2302B_USB_9062004_1557.mix
, MeasFile=R3C3_0357_0dBmLO_2302B_USB_9062004_1502.mix
, MeasFile=R3C6_0357_0dBmLO_2302B_USB_9062004_1507.mix
, MeasFile=R4C4_0357_0dBmLO_2302B_USB_9062004_1511.mix
, MeasFile=R5C2_0357_0dBmLO_2302B_USB_9062004_1516.mix
, MeasFile=R6C4_0357_0dBmLO_2302B_USB_9062004_1521.mix
, MeasFile=R3C3_0357_-2dBmLO_2302B_USB_9062004_1415.mix
, MeasFile=R3C6_0357_-2dBmLO_2302B_USB_9062004_1419.mix
, MeasFile=R4C4_0357_-2dBmLO_2302B_USB_9062004_1424.mix
, MeasFile=R5C2_0357_-2dBmLO_2302B_USB_9062004_1429.mix
, MeasFile=R6C4_0357_-2dBmLO_2302B_USB_9062004_1433.mix
Image Reject
Conv Gain
0357 (IF = 3GHz, LO = -2, 0, +2dBm):
LSB Conversion gain and Image Rejection vs. RF freq
-40
-38
-36
-34
-32
-30
-28
-26
-24
-22
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
2
4
6
8
10
12
14
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
RF freq (GHz)
, MeasFile=R3C3_0357_+2dBmLO_2302B_LSB_9062004_1608.mix
, MeasFile=R3C6_0357_+2dBmLO_2302B_LSB_9062004_1613.mix
, MeasFile=R4C4_0357_+2dBmLO_2302B_LSB_9062004_1618.mix
, MeasFile=R5C2_0357_+2dBmLO_2302B_LSB_9062004_1623.mix
, MeasFile=R6C4_0357_+2dBmLO_2302B_LSB_9062004_1628.mix
, MeasFile=R3C3_0357_0dBmLO_2302B_LSB_9062004_1639.mix
, MeasFile=R3C6_0357_0dBmLO_2302B_LSB_9062004_1644.mix
, MeasFile=R4C4_0357_0dBmLO_2302B_LSB_9062004_1648.mix
, MeasFile=R5C2_0357_0dBmLO_2302B_LSB_9062004_1653.mix
, MeasFile=R6C4_0357_0dBmLO_2302B_LSB_9062004_1658.mix
, MeasFile=R3C3_0357_-2dBmLO_2302B_LSB_9062004_1708.mix
, MeasFile=R3C6_0357_-2dBmLO_2302B_LSB_9062004_1713.mix
, MeasFile=R4C4_0357_-2dBmLO_2302B_LSB_9062004_1717.mix
, MeasFile=R5C2_0357_-2dBmLO_2302B_LSB_9062004_1722.mix
, MeasFile=R6C4_0357_-2dBmLO_2302B_LSB_9062004_1726.mix
, MeasFile=R3C3_0357_+2dBmLO_2302B_LSB_9062004_1608.mix
, MeasFile=R3C6_0357_+2dBmLO_2302B_LSB_9062004_1613.mix
, MeasFile=R4C4_0357_+2dBmLO_2302B_LSB_9062004_1618.mix
, MeasFile=R5C2_0357_+2dBmLO_2302B_LSB_9062004_1623.mix
, MeasFile=R6C4_0357_+2dBmLO_2302B_LSB_9062004_1628.mix
, MeasFile=R3C3_0357_0dBmLO_2302B_LSB_9062004_1639.mix
, MeasFile=R3C6_0357_0dBmLO_2302B_LSB_9062004_1644.mix
, MeasFile=R4C4_0357_0dBmLO_2302B_LSB_9062004_1648.mix
, MeasFile=R5C2_0357_0dBmLO_2302B_LSB_9062004_1653.mix
, MeasFile=R6C4_0357_0dBmLO_2302B_LSB_9062004_1658.mix
, MeasFile=R3C3_0357_-2dBmLO_2302B_LSB_9062004_1708.mix
, MeasFile=R3C6_0357_-2dBmLO_2302B_LSB_9062004_1713.mix
, MeasFile=R4C4_0357_-2dBmLO_2302B_LSB_9062004_1717.mix
, MeasFile=R5C2_0357_-2dBmLO_2302B_LSB_9062004_1722.mix
, MeasFile=R6C4_0357_-2dBmLO_2302B_LSB_9062004_1726.mix
Image Reject
Conv Gain
_0357
(IF=3GHz, LO=-2dBm, Vd1=4V, Id1=230mA, Vd2=4V, Id2=140mA):
IP1dB
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
25
26
27
28
29
30
31
32
33
34
35
36
37
RF Freq (GHz)
USB, LO=+2dBm,
LSB, LO=+2dBm
USB, LO=+0dBm
LSB, LO=+0dBm
USB, LO=-2dBm
LSB, LO=-2dBm
_0357
(IF=3GHz, LO=-2dBm, Vd1=4V, Id1=230mA, Vd2=4V, Id2=140mA):
OP1dB
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
25
26
27
28
29
30
31
32
33
34
35
36
37
RF Freq (GHz)
USB, LO=+2dBm,
LSB, LO=+2dBm
USB, LO=+0dBm
LSB, LO=+0dBm
USB, LO=-2dBm
LSB, LO=-2dBm



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com