Electronic Components Datasheet Search
  English  ▼

X  

UPW Datasheet(PDF) 2 Page - Nichicon corporation

Part # UPW
Description  ALUMINUM ELECTROLYTIC CAPACITORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UPW Datasheet(HTML) 2 Page - Nichicon corporation

  UPW Datasheet HTML 1Page - Nichicon corporation UPW Datasheet HTML 2Page - Nichicon corporation UPW Datasheet HTML 3Page - Nichicon corporation UPW Datasheet HTML 4Page - Nichicon corporation UPW Datasheet HTML 5Page - Nichicon corporation UPW Datasheet HTML 6Page - Nichicon corporation UPW Datasheet HTML 7Page - Nichicon corporation UPW Datasheet HTML 8Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
UPW MiniatureSized,Lowlmpedance,
High Reliability For
Switching Power Supplies
Smaller case size and lower impedance than UPM.
Low impedance and high reliability withstanding 2000 hours to 8000 hours.
Capacitance ranges available based on the numerical values in E12 series
under JIS.
Compliant to the RoHS directive (2011/65/EU,(EU)2015/863).
AEC-Q200 compliant. Please contact us for details.
15MIN
4MIN
φd
U
1
P
2
W
3
1
4
A
5
6
6
8
7
1
8
M
9
P
10
D
11 12
Configuration
Size code
Capacitance tolerance (±20%)
Rated capacitance (680
µF)
Rated voltage (10V)
Series name
Type
Pressure relief vent
L+ MAX.
φD 6.3
Sleeve (P.E.T.)
φ D
Pb-free leadwire
Pb-free PET sleeve
5
DD
6.3
ED
8 · 10
PD
12.5 to 18
HD
Configuration
20 to 25
RD
φD
P
φd
(L < 20) 1.5
(L 20) 2.0
: Applied to L>25 products
0.8
5
2.0
0.5
6.3
2.5
0.5
8
3.5
0.6
10
5.0
0.6
12.5
5.0
0.6
16
7.5
0.8
18
7.5
0.8
20
22
10.0 10.0
1.0
1.0
25
12.5
1.0
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
1.0
1.0
(mm)
Radial Lead Type
Type numbering system (Example : 10V 680µF)
Dimension table in next page.
Frequency coefficient of rated ripple current
V
6.3 to 100
160 to 450
Frequency
Cap. (µF)
2.2 to 56000
68 to 330.
390 to 1000.
.1200 to 150000
0.47 to 22000
330 to 4700.
50Hz
0.20
0.55
0.70
0.80
0.80
0.90
120Hz
0.30
0.65
0.75
0.85
1.00
1.00
300Hz
0.50
0.75
0.80
0.90
1.25
1.10
1kHz
0.80
0.85
0.90
0.95
1.40
1.13
10kHz or more
1.00
1.00
1.00
1.00
1.60
1.15
UPW
UPM
Smaller
Low
Impedance
UPA
Specifications
Performance Characteristics
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Leakage Current
–55 to +105˚C (6.3 to 100V), –40 to + 105˚C (160 to 400V), –25 to +105˚C (450V)
6.3 to 450V
0.47 to 15000µF
± 20% at 120Hz, 20˚C
Rated voltage (V)
6.3 to 100
160 to 450
Leakage current
After 1 minute's application of rated voltage at 20°C, leakage current
is not more than 0.03CV or 4 (µA), whichever is greater.
After 1 minute's application of rated voltage at 20°C,
CV <= 1000 : I = 0.1CV+40 (µA) or less.
CV > 1000 :
I = 0.04CV+100 (µA) or less.
Rated voltage (V)
Tangent of loss angle (tan δ)
Stability at Low Temperature
Endurance
Shelf Life
Marking
Printed with white color letter on dark brown sleeve.
After storing the capacitors under no load at 105˚C for 1000 hours and then performing voltage treatment based on JIS C 5101-4
clause 4.1 at 20°C, they shall meet the specified values for the endurance characteristics listed above.
tan δ (MAX.)
6.3
0.22
10
0.19
16
0.16
25
0.14
35
0.12
50
0.10
63
0.09
100
0.08
160 to 250
0.15
315 · 350
0.20
400 · 450
0.25
For capacitance of more than 1000µF, add 0.02 for every increase of 1000µF.
Measurement frequency : 120Hz at 20˚C
120Hz
Z
–25˚C / Z+20˚C
Rated voltage (V)
Impedance ratio
(MAX.)
6.3 · 10
—
—
3
16 · 25
—
—
3
35 · 50
—
—
3
63 · 100
—
—
3
160 · 200
3
4
—
250
3
6
—
315 · 350
4
8
—
400
6
10
—
450
15
—
—
Z
–40˚C / Z+20˚C
Z
–55˚C / Z+20˚C
The specifications listed below shall be met when the
capacitors are restored to 20˚C after D.C. bias plus rated
ripple current is applied at 105˚C for the condition listed at
right.The peak voltage shall not exceed the rated voltage.
Rated Voltage
φD(mm) φ5,φ6.3
φ8
φ10
φ12.5
>=φ16
6.3〜450V
2000hrs. 3000hrs. 5000hrs. 7000hrs. 8000hrs.
Item
Leakage current
tan δ
Capacitance change
Less than or equal to the initial specified value
200% or less than the initial specified value
Within ±20% of the initial capacitance value
Please refer to the Guidelines for Aluminum Electrolytic Capacitors
for end seal configuration information.
ALUMINUM ELECTROLYTIC CAPACITORS
UPW
■
Dimensions
For cut leads, formed leads or taped parts, please add the appropriate code after the size code (12th digit ).
If there is no size code in the part number, please add size code “1” and then add the appropriate code.
Rated Voltage
(V)
(code)
Rated
Capacitance
(µF)
Case Size
φD×L(mm)
tan δ
Leakage Current
(µA)
Impedance(Ω)
MAX.
Rated Ripple
(mArms)
Part Number
(
at 20℃ after
1 minute
)
20℃/
100kHz
-10℃/
100kHz
105℃/
100kHz
105℃/
120Hz
6.3
(0J)
22
5×11
0.22
4.158
0.60
1.20
180
-
UPW0J220MDD
33
5×11
0.22
6.237
0.60
1.20
180
-
UPW0J330MDD
47
5×11
0.22
8.883
0.60
1.20
180
-
UPW0J470MDD
100
5×11
0.22
18.9
0.60
1.20
180
-
UPW0J101MDD
150
6.3×11
0.22
28.35
0.25
0.50
290
-
UPW0J151MED
220
6.3×11
0.22
41.58
0.25
0.50
290
-
UPW0J221MED
330
6.3×11
0.22
62.37
0.25
0.50
290
-
UPW0J331MED
330
6.3×15
0.22
62.37
0.23
0.46
430
-
UPW0J331MED6
470
8×11.5
0.22
88.83
0.117
0.234
555
-
UPW0J471MPD
560
8×11.5
0.22
105.84
0.117
0.234
555
-
UPW0J561MPD
680
10×12.5
0.22
128.52
0.090
0.18
755
-
UPW0J681MPD
820
8×15
0.22
154.98
0.085
0.17
730
-
UPW0J821MPD
820
10×12.5
0.22
154.98
0.090
0.18
755
-
UPW0J821MPD6
1000
10×12.5
0.22
189
0.090
0.18
755
-
UPW0J102MPD
1200
8×20
0.22
226.8
0.065
0.13
995
-
UPW0J122MPD
1200
10×16
0.22
226.8
0.068
0.136
1050
-
UPW0J122MPD6
1500
10×20
0.22
283.5
0.052
0.104
1220
-
UPW0J152MPD
2200
12.5×20
0.24
415.8
0.038
0.076
1655
-
UPW0J222MHD
2200
10×25
0.24
415.8
0.045
0.090
1440
-
UPW0J222MPD6
2700
10×31.5
0.24
510.3
0.035
0.070
1815
-
UPW0J272MPD
3300
12.5×20
0.26
623.7
0.038
0.076
1655
-
UPW0J332MHD
3900
12.5×25
0.26
737.1
0.030
0.060
1945
-
UPW0J392MHD
4700
16×25
0.28
888.3
0.022
0.044
2555
-
UPW0J472MHD
4700
12.5×31.5
0.28
888.3
0.025
0.050
2310
-
UPW0J472MHD6
5600
12.5×35.5
0.30
1058.4
0.022
0.044
2510
-
UPW0J562MHD
5600
16×20
0.30
1058.4
0.029
0.058
2210
-
UPW0J562MHD6
6800
16×25
0.32
1285.2
0.022
0.044
2560
-
UPW0J682MHD
6800
18×20
0.32
1285.2
0.028
0.056
2490
-
UPW0J682MHD6
8200
16×31.5
0.36
1549.8
0.018
0.036
3010
-
UPW0J822MHD
10000
16×31.5
0.40
1890
0.016
0.032
3150
-
UPW0J103MHD
10000
18×25
0.40
1890
0.020
0.040
2740
-
UPW0J103MHD6
12000
18×31.5
0.44
2268
0.016
0.032
3635
-
UPW0J123MHD
15000
18×35.5
0.50
2835
0.015
0.030
3680
-
UPW0J153MHD
10
(1A)
22
5×11
0.19
6.6
0.60
1.20
180
-
UPW1A220MDD
33
5×11
0.19
9.9
0.60
1.20
180
-
UPW1A330MDD
47
5×11
0.19
14.1
0.60
1.20
180
-
UPW1A470MDD
82
5×11
0.19
24.6
0.60
1.20
180
-
UPW1A820MDD
100
5×11
0.19
30
0.60
1.20
180
-
UPW1A101MDD
150
6.3×11
0.19
45
0.25
0.50
290
-
UPW1A151MED
180
6.3×11
0.19
54
0.25
0.50
290
-
UPW1A181MED
220
6.3×11
0.19
66
0.25
0.50
290
-
UPW1A221MED
220
6.3×15
0.19
66
0.23
0.46
430
-
UPW1A221MED6
330
8×11.5
0.19
99
0.117
0.234
555
-
UPW1A331MPD
470
8×11.5
0.19
141
0.117
0.234
555
-
UPW1A471MPD
680
10×12.5
0.19
204
0.090
0.18
760
-
UPW1A681MPD
680
8×15
0.19
204
0.085
0.17
730
-
UPW1A681MPD6
1000
10×16
0.19
300
0.068
0.136
1050
-
UPW1A102MPD
1000
8×20
0.19
300
0.065
0.13
995
-
UPW1A102MPD6
1200
10×20
0.19
360
0.052
0.104
1220
-
UPW1A122MPD
1500
10×20
0.19
450
0.052
0.104
1220
-
UPW1A152MPD
1500
10×25
0.19
450
0.045
0.090
1440
-
UPW1A152MPD6
2200
12.5×20
0.21
660
0.038
0.076
1655
-
UPW1A222MHD
CAT.8100K



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com