Electronic Components Datasheet Search
  English  ▼

X  

SW-18020P Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SW-18020P
Description  MEC Shake Switch
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SW-18020P Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SW-18020P Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MEC Shake Switch
Mobicon Holdings Limited
7/F., New Trend Centre, 704 Prince Edward Road East, San Po Kong, Kowloon, Hong Kong.
Tel: (852) 2397 6628 / 2397 8218; Fax: (852) 2397 0339 / 2397 8187
URL: www.mobicon.com; email: info@mobicon.com
The Illustration of Shake Switch SW-180 Series
1. In silent surroundings it keeps on turning off state with any angle.
When it is hit by outside
force and comes to the proper shaking state or the moving speed comes to the proper centric
force, then the current leader point will display turning on state for a short time the electric
character will be changed. As the outside force disappears, it restores the turning off state.
2. No direction, turning on by any touching off angle.
3. The type word with alphabetic “P” by the end means completed sealed, waterproof and
dustproof package.
4. According to the current inquires select the suitable swift switch.
5. Suit for the little current touching on circuit.
SPECIFICATION
(Units: mm)
ELECTRIC
CHARACTER
Type
A
B
C
D
E
F
Swift degree
Sealed type
Voltage
Current
Leading time
Turning off resistance
Temperature-resisting
SW-18010
4.5
14
8
8
0.6 0.15
High swift
Common
12V
0.2mA
0.2ms
10M ohm
100℃
SW-18010P
4.5
15
8
8
0.6 0.15
High swift
Completely sealed
12V
0.2mA
0.2ms
10M ohm
100℃
SW-18015
4.5
10
8
8
0.6 0.15
Swift
Common
12V
0.1mA
0.1ms
10M ohm
100℃
SW-18015P
4.5
11
8
8
0.6 0.15
Swift
Completely sealed
12V
0.1mA
0.1ms
10M ohm
100℃
SW-18020
4.5
10
8
8
0.6
0.2
Standers
Common
12V
0.1mA
0.1ms
10M ohm
100℃
SW-18020P
4.5
11
8
8
0.6
0.2
Standers
Completely sealed
12V
0.1mA
0.1ms
10M ohm
100℃
SW-18030
4.5
10
8
8
0.6
0.3
Slow
Common
12V
0.1mA
0.1ms
10M ohm
100℃
SW-18030P
4.5
11
8
8
0.6
0.3
Slow
Completely sealed
12V
0.1mA
0.1ms
10M ohm
100℃
COMMON
SEALED
B
C
D
0.3~1.0
A
E
F
D
COMPLETELY
SEALED
* Soldering Conditions: 230 Degree Celsius for 3 seconds *


Similar Part No. - SW-18020P

ManufacturerPart #DatasheetDescription
logo
SHINMEI ELECTRIC CO., L...
SW-185-1 SHINMEI-SW-185-1 Datasheet
121Kb / 3P
Paper Tray Detector Switches for Photocopy Machines
SW-186 SHINMEI-SW-186 Datasheet
121Kb / 3P
Paper Tray Detector Switches for Photocopy Machines
More results

Similar Description - SW-18020P

ManufacturerPart #DatasheetDescription
logo
CUI INC
ACZ12 CUI-ACZ12 Datasheet
123Kb / 3P
mec hanic al incr emen tal encoder
ACZ16 CUI-ACZ16 Datasheet
106Kb / 3P
mec hanic al incr emen tal encoder
logo
Suntan Capacitors
TS02B SUNTAN-TS02B Datasheet
397Kb / 2P
METALLIZED POLYESTER FILM CAPACITOR-BOX-MEC
logo
Bel Fuse Inc.
ACZ11 BEL-ACZ11 Datasheet
201Kb / 3P
mec hanic al incr emen tal encoder
logo
Peregrine Semiconductor...
PE4280 PEREGRINE-PE4280_15 Datasheet
261Kb / 8P
Switch
PE4256 PEREGRINE-PE4256_15 Datasheet
295Kb / 8P
Switch
logo
Suntan Capacitors
TS02B SUNTAN-TS02B_17 Datasheet
174Kb / 2P
METALLIZED POLYESTER FILM CAPACITOR-BOX-MEC
logo
SparkFun Electronics
SEN-11447 SPARKFUN-SEN-11447 Datasheet
107Kb / 2P
SparkFun Wake on Shake
10/14/2015
logo
List of Unclassifed Man...
XPT4088 ETC-XPT4088 Datasheet
397Kb / 5P
Class AB dual channel, 2..7W, anti-shake function, thermal protection, super noise suppression, high reliability
logo
Lanner All Rights Reser...
HTCA-E400 LANNER-HTCA-E400 Datasheet
3Mb / 2P
Carrier-grade Edge Server Chassis for Open RAN / MEC
V.2-2022, 11, 17
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com