Electronic Components Datasheet Search
  English  ▼

X  

NEAMR7 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # NEAMR7
Description  Printed Wiring Board
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

NEAMR7 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  NEAMR7 Datasheet HTML 1Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Component hole Conductive pattern
Base
Printed Wiring Board
Production
site
Type UL
Flammability
Base
Conductor
Soldering
Limits
(°C), (S)
Rated
Temp. (°C)
ANSI
Grade
min. Width
(mm)
min. Edge
Width (mm)
max.
Width
(mm)
Thailand
NEAMX7
94V-0
FR-1
0.10
0.25
20.0
260, 10
130
Thailand
Series:
Single-Sided Printed Wiring Board
Type:
Single-Sided Printed Wiring Board
PWB formed conductive pattern on one side by etching
Industrial Property; Registered Patents – 6
■ Features
● Mass production
● Low price
● Short turnaround time
● RoHS Compliant
■ Recommended Applications
● TVs, VTRs
● Air conditioners, washing machines, vacuum cleaners
● Power supplies, electronic tuners
■ Recognized Standards
UL Standard (File No. E36779)
■ Construction
● Type: Single-Sided Printed Wiring Board
These values are not for PWB designing.
These values are not for PWB designing.
● Type: Single-Sided Printed Wiring Board
● Single-Sided Printed Wiring Board of Halogen-free
Production
site
Type UL
Flammability
Base
Conductor
Soldering
Limits
(°C), (S)
Rated
Temp. (°C)
ANSI
Grade
min. Width
(mm)
min. Edge
Width (mm)
max.
Width
(mm)
Thailand
NEAMC5
94HB
XPC
0.25
0.64
20.0
260, 8
105
NEAMX5
94V-0
FR-1
0.10
0.25
20.0
260, 10
130
NEYPE
94V-0
FR-3
0.10
0.25
20.0
260, 10
105
NEAMR7
94V-0
CEM-3
0.10
0.25
20.0
260, 20
130
NEYPH
94V-0
FR-4
0.10
0.25
20.0
260, 20
130
Feb. 2006


Similar Part No. - NEAMR7

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
NEAM-B-140-DL-EX2-P10 FESTO-NEAM-B-140-DL-EX2-P10 Datasheet
69Kb / 1P
Cable tie
NEAM-MF-M17 FESTO-NEAM-MF-M17 Datasheet
64Kb / 1P
Mounting flange
NEAM-MF-M23 FESTO-NEAM-MF-M23 Datasheet
58Kb / 1P
Mounting flange
NEAM-MF-M40 FESTO-NEAM-MF-M40 Datasheet
58Kb / 1P
Mounting flange
More results

Similar Description - NEAMR7

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EC204B020A ETC1-EC204B020A Datasheet
291Kb / 4P
Molded Printed Wiring Rotary Switches
logo
Vishay Siliconix
052PED-PW VISHAY-052PED-PW Datasheet
178Kb / 11P
Aluminum Capacitors Power Eurodin Printed Wiring
17-Jun-08
053PEC-PW VISHAY-053PEC-PW Datasheet
151Kb / 10P
Aluminum Capacitors Power Economic Printed Wiring
14-Aug-08
EYC VISHAY-EYC Datasheet
109Kb / 9P
Aluminum Capacitors Power Printed Wiring Style
03-Nov-08
EYV VISHAY-EYV Datasheet
116Kb / 7P
Aluminum Capacitors Power Printed Wiring Style
21-Aug-08
logo
FCI connector
BUS-12-087 FCI-CONNECTOR-BUS-12-087 Datasheet
305Kb / 21P
Ribcage??II Printed Wiring Board Connector System
logo
Vishay Siliconix
050PED-PW VISHAY-050PED-PW Datasheet
179Kb / 12P
Aluminum Capacitors Power Eurodin Printed Wiring
02-Aug-11
EY VISHAY-EY_13 Datasheet
101Kb / 5P
Aluminum Capacitors Power Printed Wiring Style
09-Apr-13
logo
Tyco Electronics
6061002-1 MACOM-6061002-1 Datasheet
110Kb / 1P
MCX PRINTED WIRING BOARD JACK RECEPTACLE STRAIGHT TERMINAL
logo
FCI connector
87024-630LF FCI-CONNECTOR-87024-630LF Datasheet
311Kb / 21P
Ribcage??II Printed Wiring Board Connector System
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com