Electronic Components Datasheet Search
  English  ▼

X  

SICA2P40S Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SICA2P40S
Description  Recommended a footpattern for SICA2P40S
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SICA2P40S Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SICA2P40S Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Part No.
Pin count
Type
TET TOKYO ELETECH CORP.
Unit
Design / Date
0.25±0.05
0.5±0.05
0.5x17=8.5±0.1
9.25±0.05
10.75±0.1
Recommended a footpattern for SICA2P40S
SICA2P40S
40pin
Socket
mm
M.Miura / Feb.13.'07


Similar Part No. - SICA2P40S

ManufacturerPart #DatasheetDescription
logo
Exxelia Group
SICALCO42 EXXELIA-SICALCO42 Datasheet
660Kb / 15P
10 000 h / 85°C
Revision 04/23
logo
Coherent Corp
SICAM-700 COHERENT-SICAM-700 Datasheet
334Kb / 1P
SiCAM 700
SICAM-800 COHERENT-SICAM-800 Datasheet
306Kb / 1P
SiCAM 800
More results

Similar Description - SICA2P40S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IMST212 ETC1-IMST212 Datasheet
2Mb / 52P
TRANSPUTER RECOMMENDED FOR NEW DESIGNS
logo
Texas Instruments
UCC2570DTR TI1-UCC2570DTR Datasheet
3Mb / 13P
Not Recommended for New Design
logo
Micro Commercial Compon...
SK12-TP MCC-SK12-TP Datasheet
275Kb / 5P
NOT RECOMMENDED FOR NEW DESIGNS
logo
Quantum Research Group
QT118HA-ISG QUANTUM-QT118HA-ISG Datasheet
213Kb / 12P
NOT RECOMMENDED FOR NEW DESIGNS
logo
Jauch Quartz Gmbh
SMU2 JAUCH-SMU2_12 Datasheet
116Kb / 1P
recommended for automotive applications
SMU3 JAUCH-SMU3_12 Datasheet
138Kb / 1P
recommended for automotive applications
logo
Texas Instruments
UCC2751 TI1-UCC2751_10 Datasheet
2Mb / 9P
Not Recommended for New Design
logo
PETERMANN-TECHNIK
SMD03025-4US PETERMANN-SMD03025-4US Datasheet
807Kb / 4P
Recommended for ultrasonic welding & cleaning
logo
Applied Motion Products...
1240I AMP-1240I Datasheet
108Kb / 2P
Recommended Motors
logo
Samtec, Inc
XDMX SAMTEC-XDMX Datasheet
41Kb / 1P
Recommended PCB Layout For XDMX
Rev. A
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com