Electronic Components Datasheet Search
  English  ▼

X  

SM-SERIES Datasheet(PDF) 2 Page - Omega Engineering, Inc.

Part # SM-SERIES
Description  Sub-D Type Connectors Low Cost Crimp-Style
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMEGA [Omega Engineering, Inc.]
Direct Link  https://www.omega.com/en-us/
Logo OMEGA - Omega Engineering, Inc.

SM-SERIES Datasheet(HTML) 2 Page - Omega Engineering, Inc.

  SM-SERIES Datasheet HTML 1Page - Omega Engineering, Inc. SM-SERIES Datasheet HTML 2Page - Omega Engineering, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
OMEGA’s exclusive low cost, crimp-
style thermocouple alloy pins and
sockets set a industry standard for
low cost and high performance. These
contacts are available in a number
of thermocouple alloys including
CHROMEGATM, ALOMEGATM, gold-
plated in the contact area, and
nickel plated in the crimp area Iron,
Constantan and Copper. In addition,
uncompensated pins and sockets are
available from stock. All thermocouple
contacts are color-coded for easy
identification, and are sold in convenient
packages of 100 (four strips of 25). All
pins and sockets can be easily wired
using OMEGATM thermocouple wire in
stranded construction, 20 or 24 gage.
Stranded wire is recommended so
that electrical connections will have
higher reliability. These precision Sub-D
connectors are sold in sets of five, each
package consisting of 5 male connector
bodies and 5 female connector bodies.
Sets are available in 9, 15, 25, 37 and
50-pin configurations.
Connecting Hardware (Not Shown)
Model No.
Description
SMFR
Female screwlock set, 5 sets/pkg.
SMMR
Male screw retainer set, 5 sets/pkg.
To Order: Specify contacts (pins and sockets), connector bodies,
backshells, connecting hardware and accessories.
SM-CTHD heavy
duty precision
crimp tool with
ratchet action.
SM-CTE economical
crimp tool.
SM-EX versatile insertion/extraction tool.
Sub-D Connector Bodies (Male and Female)
Model No.
Description
SMTC-9MF
9-pin connector bodies (pkg. of 5 sets)
SMTC-15MF
15-pin connector bodies (pkg. of 5 sets)
SMTC-25MF
25-pin connector bodies (pkg. of 5 sets)
SMTC-37MF
37-pin connector bodies (pkg. of 5 sets)
SMTC-50MF
50-pin connector bodies (pkg. of 5 sets)
Model No.
Description
SM-CTHD
Heavy-duty crimping tool
SM-CTE
Economical crimping tool
SM-EX
Insertion/extraction tool
Accessory Tools
Thermocouple Multipins
Low Cost Crimp-Style For Type SM Connectors
SMTC Series
Pkg. of
100 Pins or Sockets
Both models shown
5 times actual size.
SMTC-IR-P
male pin.
SMTC-CO-S
female socket.
To Order
Female
Male Pins
Sockets
Alloy Type
Model No.
Model No.
CHROMEGA(+)
SMTC-CH-P
SMTC-CH-S
ALOMEGA (-)
SMTC-AL-P
SMTC-AL-S
Constantan (-)
SMTC-CO-P
SMTC-CO-S
Copper (+)
SMTC-CU-P
SMTC-CU-S
Iron* (+)
SMTC-IR-P
SMTC-IR-S
OMEGA-PTM (+)
SMTC-OP-P
SMTC-OP-S
OMEGA-NTM (-)
SMTC-ON-P
SMTC-ON-S
Thermocouple Alloy Pins and Sockets
Male Pins
Female Sockets
Model No.
Model No.
SMTC-BR-P
SMTC-PBRZ-S
Gold-plated
Gold-plated contact,
contact, nickel plated
nickel plated crimp,
crimp, brass
phosphorus bronze
Uncompensated
Pins and Sockets
* Gold-plated
Ordering Examples: SMTC-CH-P, one package of 100 CHROMEGA
male thermocouple pins and
SMTC-CH-S, one package of 100
CHROMEGA female thermocouple sockets.
SMTC-50MF, 50 pin connector bodies.
Thermocouple
Type
Material
(ANSI Symbol)
Iron/Constantan
CHROMEGA/ALOMEGA
Copper/Constantan
CHROMEGA/Constantan
OMEGA-P/OMEGA-N
SMTC-BR-P
gold plated
brass.
Contact
Color Code
Contact
Alloy
ANSI Wire
Color Code
White
CHROMEL(+)
Yellow or Purple
Black
Iron*(+)
White
Red
Copper(+)
Blue
Green
ALUMEL(-)
Red
Yellow
Constantan(-)
Red
None
Uncompensated
No Standard
Blue
OMEGA-PTM (+)
Orange
Orange
OMEGA-NTM (-)
Orange
* Gold-plated



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com