Electronic Components Datasheet Search
  English  ▼

X  

PT-SERIES Datasheet(PDF) 4 Page - Amphenol Corporation

Part # PT-SERIES
Description  Miniature Cylindrical Connectors
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

PT-SERIES Datasheet(HTML) 4 Page - Amphenol Corporation

  PT-SERIES Datasheet HTML 1Page - Amphenol Corporation PT-SERIES Datasheet HTML 2Page - Amphenol Corporation PT-SERIES Datasheet HTML 3Page - Amphenol Corporation PT-SERIES Datasheet HTML 4Page - Amphenol Corporation PT-SERIES Datasheet HTML 5Page - Amphenol Corporation PT-SERIES Datasheet HTML 6Page - Amphenol Corporation PT-SERIES Datasheet HTML 7Page - Amphenol Corporation PT-SERIES Datasheet HTML 8Page - Amphenol Corporation PT-SERIES Datasheet HTML 9Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 52 page
background image
2
The large family of miniature proprietary and MS style connectors provides for
many optional features and designs. In addition to the choices of bayonet or threaded
shells, solder or crimp termination within the style variations, there are additional
options that are shown here.
Hermetics
Hermetically sealed receptacles have fused compression
glass sealed inserts which provide environmental moisture
sealing. There are three hermetic styles within the PT
bayonet series.
Coaxial Contacts
Amphenol Miniature connectors can incorporate shielded
coax contacts. Size 8 and 12 crimp coax contacts are
available in PT-SE, SP-SE, MS/PT-SE. Factory installed size 8
and 12 solder type coax contacts are available in PT, SP,
MS/PT connectors. See coax contact information pages at
the end of this catalog.
Printed Circuit Board Tail Contacts
PT bayonet connectors in box mounting receptacle and jam nut receptacle styles are
available with printed circuit board contacts. Standard PCB tails for MIL-DTL-26482
connectors have gold plating, .0050 inches over nickel. See page 20 and call Amphenol
for further information.
Flex Circuitry
Flex termination assemblies for attaching cylindrical connectors to printed circuit
boards are available through the Amphenol division ACT, Advanced Circuit
Technology. Flex can be used with miniature 26482 connectors and it can be designed
to meet specific length, current carrying capacity and to fit the precise geometric
shape of the connector to board package. Flex circuity plugs into a printed circuit
board and creates a self-locking terminal pad which eliminates the need for an
additional interconnect to the PCB.
Filter Protection
Amphenol offers the FPT Series which combines the miniature PT series with an EMI
filter. Designed to provide EMI protection for sensitive circuits, each circuit is
individually filtered within the connector, eliminating the need for costly and bulky
exterior network filters. Filter contacts are available in MF, HF, VHF, and UHF ranges
and are intermateable and intermountable with MIL-DTL-26482 connectors. For
further information see catalog 12-120, Amphenol EMI Filter Transient Protection
Connectors.
Overmolded Cable
Overmold seals and cables can be designed for almost any industrial application.
A variety of materials are available: neoprene, hypalon and others; and a variety of
lengths can be designed to meet customer specifications. Overmold seals to the rear
of the connector and to the cable jacket providing moisture sealing.
Amphenol Miniature Cylindrical
design flexibility
PT Connector with Hermetic
Seal Insert and Coax
Contacts
PT Connector with PC Tail
Contacts
PT Connector with Flex
PT Connector with EMI
Filter Protection
PT Connector with
Overmolded Cable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com