Electronic Components Datasheet Search
  English  ▼

X  

PTH65301 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PTH65301
Description  65 Watts Single, Dual & Triple Output Switching Power Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PTH65301 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PTH65301 Datasheet HTML 1Page - List of Unclassifed Manufacturers PTH65301 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model Number
V1
Io Min
Io Max
V2
Io Min
Io Max
V3
Io Min
Io Max
PTH05130
5VDC
1000mA 13.00A
-
-
-
-
-
-
PTH12055
12VDC
1000mA 5.50A
-
-
-
-
-
-
PTH15045
15VDC
400mA
4.50A
-
-
-
-
-
-
PTH24027
24VDC
400mA
2.70A
-
-
-
-
-
-
PTH65201
+5VDC 500mA
6.00A
+12VDC 300mA
3.60A
-
-
-
PTH65301
+5VDC 500mA
6.00A
+12VDC 300mA
2.50A
+12VDC 100mA
0.50A
Ø4.00*4
CN1
N
L
LED
+
-
127.00
115.57
FAN
CN2
+
-
Mechanical Specifications:
Open Frame
Construction:
Weight:
0.641 lb / 0.290 kg.
Input Pin Assignmnets:
CN1-1
Line
CN1-2
Neutral
Output Pin Assignmnets:
Single "-6"
Pin
Single
Option
Multi
CN2-1
V1
V1
V2
CN2-2
V1
V1
V1
CN2-3
V1
V1
V1
CN2-4
V1
RTN
RTN
CN2-5
RTN
RTN
RTN
CN2-6
RTN
RTN
V3 or NC
CN2-7
RTN
-
-
CN2-8
RTN
-
-
Mating Connectors:
CN1 (AC Input) Mating Connector:
Molex 09-52-4034 (5239 series)
Single Outputs:
CN2 (DC Output) Mating Connector:
Molex 09-52-4064 or equivalent
Single Outputs ("-6" Option):
CN2 (DC Output) Mating Connector:
09-52-4104 or equivalent
Multiple Outputs:
CN2 (DC Output) Mating Connector:
09-52-4104 or equivalent
FAN: Molex 22-23-2021 (6373 series)
LED: Molex 22-23-2021 (6373 series)
Output Table:
PTH65 Series
PowDec Technologies (USA) Inc.
7013 Realm Drive, Suite E
San Jose, CA 95119 U.S.A.
Tel: (408) 362-9388
E-mail: tedkang@powdec.com
http://www.powdec.com
PowDec Technologies (Taiwan) Inc.
No. 9, Alley 9, Lane 392, Fu Teh
1st Road Hsi Chih, Taipei Hsien, Taiwan, 22150
Tel:(02)2694-2760
Fax:(02)2694-2753
E-mail:powdec@ms3.hinet.net
http://www.powdec.com.tw
Technologies, Inc.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com