Electronic Components Datasheet Search
  English  ▼

X  

MAX22028 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX22028
Description  Compact, Isolated, Half-Duplex RS-485/RS-422 Transceivers with AutoDirection Control
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX22028 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX22028 Datasheet HTML 1Page - Maxim Integrated Products MAX22028 Datasheet HTML 2Page - Maxim Integrated Products MAX22028 Datasheet HTML 3Page - Maxim Integrated Products MAX22028 Datasheet HTML 4Page - Maxim Integrated Products MAX22028 Datasheet HTML 5Page - Maxim Integrated Products MAX22028 Datasheet HTML 6Page - Maxim Integrated Products MAX22028 Datasheet HTML 7Page - Maxim Integrated Products MAX22028 Datasheet HTML 8Page - Maxim Integrated Products MAX22028 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
(VDDA – VGNDA = 1.71V to 5.5V, VDDB – VGNDB = 4.75V to 5.25V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at
VDDA – VGNDA = 3.3V, VDDB – VGNDB = 5V, VGNDA = VGNDB, and TA = +25°C.) (Notes 1, 2)
Note 1: All devices are 100% production tested at TA = +85°C. Specifications over temperature are guaranteed by design.
Note 2: All currents into the device are positive. All currents out of the device are negative. All voltages are referenced to their
respective ground (GNDA or GNDB), unless otherwise noted.
Note 3: This is the differential voltage from A to B that the driving device must see on the bus to disable its driver.
Note 4: Not production tested. Guaranteed by design.
Note 5: CMTI is the maximum sustainable common-mode voltage slew rate while maintaining the correct output states. CMTI
applies to both rising and falling common-mode voltage edges. Tested with the transient generator connected between
GNDA and GNDB. VCM = 1kV
(VDDA – VGNDA = 1.71V to 5.5V, VDDB – VGNDB = 4.75V to 5.25V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at
VDDA – VGNDA = 3.3V, VDDB – VGNDB = 5V, VGNDA = VGNDB, and TA = +25°C.) (Notes 1, 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNITS
Common Mode Transient Immunity
CMTI
(Note 5)
50
kV/μs
DRIVER
Driver Propagation Delay
tDPLH, tDPHL
RL = 110Ω, CL = 50pF, Figure 2 and
Figure 3 (Note 4)
200
1000
ns
Driver Differential Output Rise
or Fall Time
tLH, tHL
RL = 110Ω, CL = 50pF, Figure 2 and
Figure 3 (Note 4)
200
900
ns
Maximum Data Rate
DRMAX
0.5
Mbps
Driver Enable from Power Up
tPORD
100
150
μs
RECEIVER
Receiver Propagation Delay
tRPLH, tRPHL CL = 15pF, Figure 4 and Figure 5 (Note 4)
80
ns
Receiver Output Skew |tRPLH - tRPHL|
tRSKEW
CL = 15pF, Figure 5 (Note 4)
13
ns
Maximum Data Rate
DRMAX
16
Mbps
Receiver Enable from Power Up
tPORR
100
150
μs
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNITS
Common Mode Transient Immunity
CMTI
(Note 5)
50
kV/μs
DRIVER
Driver Propagation Delay
tDPLH, tDPHL
RL = 110Ω, CL = 50pF, Figure 2 and
Figure 3 (Note 4)
50
ns
Driver Differential Output Rise
or Fall Time
tLH, tHL
RL = 110Ω, CL = 50pF, Figure 2 and
Figure 3 (Note 4)
15
ns
Maximum Data Rate
DRMAX
16
Mbps
Driver Enable from Power Up
tPORD
100
150
μs
RECEIVER
Receiver Propagation Delay
tRPLH, tRPHL CL = 15pF, Figure 4 and Figure 5 (Note 4)
80
ns
Receiver Output Skew |tRPLH - tRPHL|
tRSKEW
CL = 15pF, Figure 5 (Note 4)
13
ns
Maximum Data Rate
DRMAX
16
Mbps
Receiver Enable from Power Up
tPORR
100
150
μs
www.maximintegrated.com
Maxim Integrated │ 4
MAX22025/MAX22026/
MAX22027/MAX22028
Compact, Isolated, Half-Duplex RS-485/RS-422
Transceivers with AutoDirection Control
Switching Electrical Characteristics (MAX22025/MAX22027)
Switching Electrical Characteristics (MAX22026/MAX22028)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com