Electronic Components Datasheet Search
  English  ▼

X  

D01955 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # D01955
Description  150kg Platform Truck
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

D01955 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  D01955 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
www.mcmelectronics.com
Page <1>
V1.0
28/08/14
150kg Platform Truck
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the Premier Farnell group of companies (the “Group”) or are licensed to it. No licence is granted
for the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any
error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any
assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the
Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its negligence.
DURATOOL is the registered trademark of the Group. © Premier Farnell plc 2012.
Part Number Table
Description
Part Number
Platform Truck, 150kg
D01955
Specifications:
Carrying Capacity
: 150kg
External Height
: 920mm
External Width
: 410mm
Length
: 680mm
Truck Type
: Platform
Features:
• Plastic platform with integral carry handle
• Only 80mm high when folded
• Adjustable telescopic handle
• Wheels fold underneath platform when the handle is folded
• 4 castors - 2 fixed and 2 swivel
• 3 Heights: 720mm, 820mm and 920mm


Similar Part No. - D01955

ManufacturerPart #DatasheetDescription
logo
Premier Farnell Limited...
D01951 DURATOOL-D01951 Datasheet
156Kb / 1P
90Kg Large Hand Truck
28/08/14 V1.0
More results

Similar Description - D01955

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
MP1 INFINEON-MP1 Datasheet
216Kb / 2P
Multimedia Platform
2004
MP2 INFINEON-MP2 Datasheet
216Kb / 2P
Multimedia Platform?
2004
logo
STMicroelectronics
STEVAL-IAC001V1 STMICROELECTRONICS-STEVAL-IAC001V1 Datasheet
193Kb / 5P
Alarm platform
22-Oct-2007
logo
ATMEL Corporation
AT97SC3205T ATMEL-AT97SC3205T_14 Datasheet
324Kb / 10P
Trusted Platform Module
logo
Mallory performance clu...
PN2957 MALLORY-PN2957 Datasheet
8Mb / 24P
Atomic LS Master Truck EFI Kits
logo
ETAL Group
SBG-E1048-05-V0025 ETAL-SBG-E1048-05-V0025 Datasheet
206Kb / 2P
Power distribution system on pcb for truck applications
logo
Pulse A Technitrol Comp...
SFPP-3148-L PULSE-SFPP-3148-L Datasheet
446Kb / 2P
Connector Platform
logo
Infineon Technologies A...
TLT807B0EPV INFINEON-TLT807B0EPV Datasheet
783Kb / 18P
Low dropout adjustable standby voltage regulator for truck applications
Rev. 1.00 2017-05-09
logo
TE Connectivity Ltd
CAT-ATS0027 TEC-CAT-ATS0027 Datasheet
106Kb / 1P
TURBOCHARGER PNEUMATIC ACTUATOR POSITION SENSOR (TRUCK)
408-10393 TEC-408-10393 Datasheet
504Kb / 5P
Truck Light Connector System
2010
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com