Electronic Components Datasheet Search
  English  ▼

X  

SS16HL Datasheet(PDF) 1 Page - Micro Commercial Components

Part # SS16HL
Description  1 Amp Schottky Rectifier 60 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SS16HL Datasheet(HTML) 1 Page - Micro Commercial Components

  SS16HL Datasheet HTML 1Page - Micro Commercial Components SS16HL Datasheet HTML 2Page - Micro Commercial Components SS16HL Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MCCSEMI.COM
Rev.3-1-03012022
1/3
SS16HL
Features
Maximum Ratings
1 Amp
Schottky Rectifier
60 Volts
Electrical Characteristics @ 25°C Unless Otherwise Specified
•
Operating Junction Temperature Range: -55⁰C to +150⁰C
•
Halogen Free. “Green” Device (Note 1)
•
Low Power Losses, High Efficiency
•
Low profile package
•
Lead Free Finish/RoHS Compliant(Note 2) ("P" Suffix Designates
Compliant. See Ordering Information)
•
Epoxy Meets UL 94 V-0 Flammability Rating
•
Moisture Sensitivity Level 1
SS16HL
60V
42V
60V
MCC
Part Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS Voltage
Maximum DC
Blocking
Voltage
Maximum DC
Reverse Current at
Rated DC Blocking
Voltage
IR
0.2mA
30mA
TJ=25⁰C
Peak Forward Surge
Current
IFSM
25A
50A
8.3ms,Half Sine Wave
1ms,Square Wave
VF
0.70V
Average Forward
Current
IF(AV)
1.0A
TC=120⁰C
Maximum
Instantaneous
Forward Voltage
•
Storage Temperature Range: -55⁰C to +150⁰C
•
Typical Thermal Resistance: 45°C/W Junction to Case(Note 3)
•
Typical Thermal Resistance: 90°C/W Junction to Ambient (Note 3)
FM16
IF=1.0A;TJ=25⁰C
TJ=125⁰C
Typical Junction
Capacitance
CJ
40pF
Measured at
1.0MHz, VR=4.0V
2. High Temperature Solder Exemption Applied, see EU Directive Annex Notes 7a.
3. Mounted on P.C.B with 3mm*3mm copper pad areas.
Note: 1. Halogen free "Green” products are defined as those which contain <900ppm bromine,
<900ppm chlorine (<1500ppm total Br + Cl) and <1000ppm antimony compounds.
0.65V
IF=1.0A;TJ=125⁰C
1.00mm
1.30mm
1.50mm
Suggested Solder Pad Layout
SOD-323HL
MIN
MAX MIN
MAX
A
0.091 0.106 2.30
2.70
B
0.067 0.083 1.70
2.10
C
0.041 0.057 1.05
1.45
D
0.031 0.047 0.80
1.20
E
0.035 0.045 0.90
1.15
G
0.010 0.028 0.25 0.70
H
0.002 0.010 0.05
0.25
DIMENSIONS
DIM
INCHES
MM
NOTE
A
C
B
E
D
H
G


Similar Part No. - SS16HL

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
SS16H FRONTIER-SS16H Datasheet
127Kb / 2P
1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Zowie Technology Corpor...
SS16H ZOWIE-SS16H Datasheet
82Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
ON Semiconductor
SS16HE ONSEMI-SS16HE Datasheet
189Kb / 6P
Surface Mount Schottky Barrier Rectifiers
January, 2021 ??Rev. 3
SS16HE ONSEMI-SS16HE Datasheet
179Kb / 6P
Surface Mount Schottky Barrier Rectifiers 1 A, 30 V - 60 V
August, 2023 - Rev. 5
logo
Comchip Technology
SS16HE-HF COMCHIP-SS16HE-HF Datasheet
479Kb / 4P
SMD Schottky Barrier Rectifiers
REV:A
More results

Similar Description - SS16HL

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
DLSR106 MCC-DLSR106 Datasheet
78Kb / 3P
1 Amp Schottky Barrier Rectifier 60 to 100 Volts
logo
Solid States Devices, I...
SED15HB60 SSDI-SED15HB60 Datasheet
219Kb / 2P
15 AMP 60 VOLTS SCHOTTKY RECTIFIER
SED60KB100 SSDI-SED60KB100 Datasheet
107Kb / 2P
60 AMP 100 VOLTS SCHOTTKY RECTIFIER
SSR6010M SSDI-SSR6010M Datasheet
212Kb / 2P
60 AMP 100 VOLTS SCHOTTKY RECTIFIER
logo
Micro Commercial Compon...
BSR106WS MCC-BSR106WS Datasheet
182Kb / 2P
1 Amp Schottky Barrier Rectifier 60 Volts
DLSR106 MCC-DLSR106_11 Datasheet
451Kb / 4P
1 Amp Schottky Barrier Rectifier 60 to 100 Volts
logo
Kersemi Electronic Co.,...
MBR6045WT KERSEMI-MBR6045WT Datasheet
1Mb / 2P
60 Amp Schottky Barrier Rectifier 45 Volts
logo
Micro Analog systems
BSR106WS-TP MAS-BSR106WS-TP Datasheet
195Kb / 2P
1 Amp Schottky Barrier Rectifier 60 Volts
logo
Micro Commercial Compon...
SSL16PL MCC-SSL16PL Datasheet
438Kb / 3P
60 Volts 1 Amp Schottky Rectifiers
SSL16XL MCC-SSL16XL Datasheet
453Kb / 3P
60 Volts 1 Amp Schottky Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com