Electronic Components Datasheet Search
  English  ▼

X  

EBCB Datasheet(PDF) 1 Page - Samtec, Inc

Part # EBCB
Description  HIGH-SPEED BACKPLANE CONNECTOR & CABLE SYSTEMS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

EBCB Datasheet(HTML) 1 Page - Samtec, Inc

  EBCB Datasheet HTML 1Page - Samtec, Inc EBCB Datasheet HTML 2Page - Samtec, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Traditional, Coplanar and
Direct Mate Orthogonal
ExaMAX® High-Speed Backplane System
• Meets a variety of industry specifications
• Exceeds OIF CEI-28G-LR specification for 28 Gbps standards
• 24 - 72 pair designs (4 and 6 pairs; 6, 8, 10 and 12 columns)
• Wafer design increases isolation for reduced crosstalk
• Press-fit tails provide a reliable electrical connection
ExaMAX® High-Speed Backplane Cable Assemblies
• 30 & 34 AWG Eye Speed® Ultra Low Skew Twinax Cable offers
improved signal integrity, increased flexibility and routability
• Highly customizable with modular flexibility
• Reduce costs due to lower layer counts
• Multiple end options available
KEY SPECIFICATIONS
FEATURES & BENEFITS
PITCH
INSULATOR MATERIAL
CONTACT MATERIAL
PLATING
OPERATING TEMP RANGE
CURRENT
RATING
2.00 mm
LCP
Zinc Alloy (EGBX Series only)
Copper Alloy
Sn over 50 µ"
(1.27 µm) Ni
-55 °C to +105 °C
4.2 A per pin
HIGH-SPEEDBACKPLANE
CONNECTOR&CABLESYSTEMS
Unless otherwise approved in writing by Samtec, all parts and components are designed and built according to Samtec’s specifications which are subject to change without notice.
samtec.com/ExaMAX
Staggered
Differential Pair Design
Two Reliable Points of
Contact at All Times
Intermateable with all
ExaMAX® Connectors
Wafer Design
Reduces Crosstalk
(2.00 mm) .0787" PITCH
F-221 (Rev 02MAR21)


Similar Part No. - EBCB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EBC VISHAY-EBC Datasheet
93Kb / 6P
Aluminum Capacitors Axial Capacitor Style
23-Jun-08
EBC VISHAY-EBC Datasheet
91Kb / 6P
Aluminum Capacitors Axial Capacitor Style
22-Jan-13
logo
France Joint
EBC FRANCEJOINT-EBC Datasheet
339Kb / 2P
COVER SEALS
logo
Inventronics Inc.
EBC-042S105DV-0000 INVENTRONICS-EBC-042S105DV-0000 Datasheet
1,018Kb / 8P
42W Constant Current IP67 Driver
Rev. D
EBC-042S105DV-0004 INVENTRONICS-EBC-042S105DV-0004 Datasheet
1,018Kb / 8P
42W Constant Current IP67 Driver
Rev. D
More results

Similar Description - EBCB

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
LC01-6 SEMTECH-LC01-6_04 Datasheet
199Kb / 7P
Low Capacitance TVS for High-Speed Telecommunication Systems
logo
Tyco Electronics
1410200-1 MACOM-1410200-1 Datasheet
1Mb / 26P
High Speed Backplane Connectors
1410142-1 MACOM-1410142-1 Datasheet
494Kb / 6P
High Speed Backplane Interconnect Solutions
1410186-1 MACOM-1410186-1 Datasheet
1Mb / 26P
High Speed Backplane Connectors
1410190-3 MACOM-1410190-3 Datasheet
1Mb / 26P
High Speed Backplane Connectors
logo
List of Unclassifed Man...
1410965-1 ETC2-1410965-1 Datasheet
1Mb / 26P
High Speed Backplane Connectors
logo
Tyco Electronics
5223955-2 MACOM-5223955-2 Datasheet
6Mb / 42P
High Speed Backplane Connectors
logo
Samtec, Inc
EBCM SAMTEC-EBCM Datasheet
1Mb / 2P
HIGH-SPEED BACKPLANE CONNECTOR & CABLE SYSTEMS (2.00 mm) .0787" PITCH
Rev 30SEP21
EBTF SAMTEC-EBTF Datasheet
1Mb / 2P
HIGH-SPEED BACKPLANE CONNECTOR & CABLE SYSTEMS (2.00 mm) .0787" PITCH
Rev 27JAN22
EBTM SAMTEC-EBTM_V01 Datasheet
1Mb / 2P
HIGH-SPEED BACKPLANE CONNECTOR & CABLE SYSTEMS (2.00 mm) .0787" PITCH
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com