Electronic Components Datasheet Search
  English  ▼

X  

EBCM Datasheet(PDF) 1 Page - Samtec, Inc

Part # EBCM
Description  HIGH-SPEED BACKPLANE CONNECTOR & CABLE SYSTEMS (2.00 mm) .0787" PITCH
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

EBCM Datasheet(HTML) 1 Page - Samtec, Inc

  EBCM Datasheet HTML 1Page - Samtec, Inc EBCM Datasheet HTML 2Page - Samtec, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Traditional, Coplanar and
Direct Mate Orthogonal
ExaMAX® High-Speed Backplane System
• Meets a variety of industry specifications
• Exceeds OIF CEI-28G-LR specification for 28 Gbps standards
• 24 - 72 pair designs (4 and 6 pairs; 6, 8, 10 and 12 columns)
• Wafer design increases isolation for reduced crosstalk
• Press-fit tails provide a reliable electrical connection
ExaMAX® High-Speed Backplane Cable Assemblies
• 30 & 34 AWG Eye Speed® Ultra Low Skew Twinax Cable offers
improved signal integrity, increased flexibility and routability
• Highly customizable with modular flexibility
• Reduce costs due to lower layer counts
• Multiple end options available
KEY SPECIFICATIONS
FEATURES & BENEFITS
PITCH
INSULATOR MATERIAL
CONTACT MATERIAL
PLATING
OPERATING TEMP RANGE
CURRENT
RATING
2.00 mm
LCP
Zinc Alloy (EGBX Series only)
Copper Alloy
Sn over 50 µ"
(1.27 µm) Ni
-55 °C to +105 °C
4.2 A per pin
HIGH-SPEEDBACKPLANE
CONNECTOR&CABLESYSTEMS
Unless otherwise approved in writing by Samtec, all parts and components are designed and built according to Samtec’s specifications which are subject to change without notice.
Staggered
Differential Pair Design
Two Reliable Points of
Contact at All Times
Intermateable with all
ExaMAX® Connectors
Wafer Design
Reduces Crosstalk
(2.00 mm) .0787" PITCH
F-221 (Rev 30SEP21)
samtec.com/ExaMAX


Similar Part No. - EBCM

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EBC VISHAY-EBC Datasheet
93Kb / 6P
Aluminum Capacitors Axial Capacitor Style
23-Jun-08
EBC VISHAY-EBC Datasheet
91Kb / 6P
Aluminum Capacitors Axial Capacitor Style
22-Jan-13
logo
France Joint
EBC FRANCEJOINT-EBC Datasheet
339Kb / 2P
COVER SEALS
logo
Inventronics Inc.
EBC-042S105DV-0000 INVENTRONICS-EBC-042S105DV-0000 Datasheet
1,018Kb / 8P
42W Constant Current IP67 Driver
Rev. D
EBC-042S105DV-0004 INVENTRONICS-EBC-042S105DV-0004 Datasheet
1,018Kb / 8P
42W Constant Current IP67 Driver
Rev. D
More results

Similar Description - EBCM

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
S2M SAMTEC-S2M Datasheet
528Kb / 2P
RUGGED TIGER EYE™ SYSTEMS (2.00 mm) .0787" PITCH
S2SD SAMTEC-S2SD Datasheet
308Kb / 1P
(2.00 mm) .0787" PITCH • CABLE ASSEMBLY/COMPONENTS
EBCB SAMTEC-EBCB Datasheet
777Kb / 2P
HIGH-SPEED BACKPLANE CONNECTOR & CABLE SYSTEMS
Rev 02MAR21
EBTF SAMTEC-EBTF Datasheet
1Mb / 2P
HIGH-SPEED BACKPLANE CONNECTOR & CABLE SYSTEMS (2.00 mm) .0787" PITCH
Rev 27JAN22
EBTM SAMTEC-EBTM_V01 Datasheet
1Mb / 2P
HIGH-SPEED BACKPLANE CONNECTOR & CABLE SYSTEMS (2.00 mm) .0787" PITCH
ETMM SAMTEC-ETMM Datasheet
174Kb / 1P
SHROUDED IDC HEADERS (2.00 mm) .0787" PITCH
TCSD SAMTEC-TCSD Datasheet
301Kb / 1P
TIGER EYE™ IDC SOCKET CABLE (2.00 mm) .0787" PITCH
2854182 SAMTEC-2854182 Datasheet
575Kb / 2P
(2.00 mm) .0787" PITCH • HIGH-RELIABILITY CABLE INTERCONNECTS
S2M-125-01-L-D-DS SAMTEC-S2M-125-01-L-D-DS Datasheet
482Kb / 2P
RUGGED TIGER EYE™ SYSTEMS (2.00 mm) .0787" PITCH
SQW SAMTEC-SQW Datasheet
240Kb / 1P
(2.00 mm) .0787" PITCH
Rev 17AUG21
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com