Electronic Components Datasheet Search
  English  ▼

X  

USL Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # USL
Description  0.4mm PITCH CONNECTOR FOR MICRO COAXIAL CABLE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

USL Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  USL Datasheet HTML 1Page - List of Unclassifed Manufacturers USL Datasheet HTML 2Page - List of Unclassifed Manufacturers USL Datasheet HTML 3Page - List of Unclassifed Manufacturers USL Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
▶
Compact connector with a low profile of 1.0 mm(0.039’’) and
a mating width of 5.6 mm(0.220’’).
▶
For micro coaxial cable(#42 AWG).
▶
IDC of contacts all together is adopted for improved con-
nection reliability and more compact connectors.
▶
Equipped with a metal shell, noise reduction and product
strength are ensured.
▶
Multiple ground terminals are provided for enhanced trans-
mission characteristics and EMS protection.
▶
Highly reliable design with effective contact displacement of
0.5mm(0.020).
*Specially designed withdrawal jig is also available.
USL SERIES
0.4mm PITCH CONNECTOR FOR MICRO COAXIAL CABLE
USL00-
L-
USL20-
S
Material and plating
Insulator material
Glass-filled LCP(UL94V-0),Black
Contact material
Copper alloy
Contact plating
Gold over Nickel
Shell material
Copper alloy
Shell plating
Tin copper over Nickel
IDC cover material
[USL20] Glass-filled LCP(UL94V-0),White
Electrical Characteristics
Current rating
0.25A per contact
Contact resistance
100mΩ max.
Dielectric withstanding voltage 200V AC for 1minute
Insutulation resistance
100MΩ min.at 250V DC
Operating temperature
-40℃ to +85℃
Recommended cable
#42 AWG Micro coaxial cables
FEATURES
ORDER CODE
ORDER CODE
SPECIFICATIONS
*Please order in multiples of the quantity per package.
①【Type】USL20:Plug (Cable side connector)
②【Number of contacts】20:20 pin 30:30 pin 40:40 pin
③【Cable exit style】S:Straight
*Plug (cable side connector) is composed of base and cover.
*Please order in multiples of the quantity per package.
①【Type】USL00:Receptacle (PCB side connector)
②【Number of contacts】20:20 pin 30:30 pin 40:40 pin
③【Contact taill style】L:Right angle
④【Number of packaging】A:500pcs. per reel B:1,000pcs. per reel C:3,000pcs. per reel
② ③
③
④
①
②
①
Mating Drawing
Unit:mm(inch)
#42 AWG
USL20-□□S(Cable side connector)
USL00-□□L-□(PCB side connector)
5.6(0.220)
3(0.118)
2.6(0.102)
0.35(0.014)
0.5(0.020) Effective contact displacement length


Similar Part No. - USL

ManufacturerPart #DatasheetDescription
logo
BlockMaster Electronics...
USL-52SAB1 BLOCKMASTER-ELECTRONICS-USL-52SAB1 Datasheet
374Kb / 1P
PCB Terminal Blocks
USL-5HB2 BLOCKMASTER-ELECTRONICS-USL-5HB2 Datasheet
90Kb / 1P
Screwless Terminal Blocks
USL-5SAB1 BLOCKMASTER-ELECTRONICS-USL-5SAB1 Datasheet
330Kb / 1P
PCB Terminal Blocks
USL-5VB1 BLOCKMASTER-ELECTRONICS-USL-5VB1 Datasheet
90Kb / 1P
Screwless Terminal Blocks
logo
Conquer Electronics Co....
USL-A.125 CONQUER-USL-A.125 Datasheet
224Kb / 1P
5.2Ø x 20 mm
More results

Similar Description - USL

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
46765-0301 MOLEX2-46765-0301 Datasheet
504Kb / 5P
MICRO HDMI. TYPE-D 0.4MM PITCH, 19CKT RECEPTACLE CONNECTOR
73412-0114 MOLEX8-73412-0114 Datasheet
143Kb / 2P
MICRO COAXIAL CONNECTOR RECEPTACLE VERTICAL
0734154680 MOLEX11-0734154680 Datasheet
74Kb / 1P
50 Ohms, SSMCX Plug for 1.37mm Micro Coaxial Cable, Bag
logo
Linx Technologies
CONUFL001-SMD LINX-CONUFL001-SMD Datasheet
172Kb / 2P
MICRO COAXIAL SURFACE MOUNT CONNECTOR
logo
Times Microwave Systems...
TF-047 TIMES-TF-047 Datasheet
858Kb / 2P
Micro-Coaxial Cable
Rev. 1: Feb. 2023
logo
Molex Electronics Ltd.
734120250 MOLEX-734120250 Datasheet
63Kb / 1P
MICRO COAXIAL CONNECTOR WITH 1.13 CABLE CA-UFL
2003/11/11
logo
Huber+Suhner, Inc.
11_716-50-7-3003_- HUBERSUHNER-11_716-50-7-3003_- Datasheet
805Kb / 1P
Coaxial Cable Connector
11_716-50-9-3003_- HUBERSUHNER-11_716-50-9-3003_- Datasheet
805Kb / 1P
Coaxial Cable Connector
11_BNC-50-3-5133_N HUBERSUHNER-11_BNC-50-3-5133_N Datasheet
799Kb / 1P
Coaxial Cable Connector
logo
Alpha Wire
9436 ALPHAWIRE-9436 Datasheet
124Kb / 4P
CABLE MICRO COAXIAL 36AWG 10
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com