Electronic Components Datasheet Search
  English  ▼

X  

BF121 Datasheet(PDF) 1 Page - Global Connector Technology

Part # BF121
Description  2.00mm Pitch Socket Dual Row, Surface Mount, Dual Entry
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GCT [Global Connector Technology]
Direct Link  https://gct.co/
Logo GCT - Global Connector Technology

BF121 Datasheet(HTML) 1 Page - Global Connector Technology

  BF121 Datasheet HTML 1Page - Global Connector Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
No. of Contacts
04 to 80
BF121
Ordering Grid
XX
X
X
5.10±0.30
C ±0.20
B ±0.35
A ±0.25
Pin 0.15x0.50
4.00
5.00
Locating Peg
0 = No Peg
1 = With Peg
X
Insulator Material
N = Nylon 6T (Standard)
L = LCP
X
Packing Options
C = Tape and Reel with Film (Standard)
A = Tape and Reel
B = Tape and Reel with Cap
D = Tube
E = Tube and Cap
F = Tube and Film
Optional peg
Contact Plating
A = Gold Flash All Over (Standard)
C = Tin All Over
N = 30u" gold on contact area, gold flash on tail
P = 10u" gold on contact area, gold flash on tail
2.00
0.90
Ø0.90
Recommended PCB Layout
Solder Area
Optional peg
Request Samples
and Quotation
0.15
A
1
B
C
D
2
3
E
F
G
H
67
8
C
4
5
3rd Angle Projection
Units:
Metric (mm)
Tolerances (Except as Noted)
X. ± 0.30
X.X ± 0.25
X.XX ± 0.15
X.XXX ± 0.10
Length
Angle
Product Description
This drawing is confidential and
copyright of Global Connector
Technology, Ltd (GCT).
This drawing must not be copied
or disclosed without written
consent. E & OE
Not to
Scale
Drawn By
CC
Sheet No.
1/1
BF121
2.00mm Pitch Socket
Dual Row, Surface Mount, Dual Entry
CC
Drawing
Release
A
By
Detail
Revision
Part Number
Drawing Date
13th October 2020
13/10/20
Date
X.° ± 5°
X.X° ± 3°
X.XX° ± 2°
X.XXX° ± 1°
Contacts
Dimensions
AB
C
4
2.0
4.0
/
6
4.0
6.0
2.0
8
6.0
8.0
4.0
10
8.0
10.0
6.0
12
10.0
12.0
8.0
14
12.0
14.0
10.0
16
14.0
16.0
12.0
18
16.0
18.0
14.0
20
18.0
20.0
16.0
22
20.0
22.0
18.0
24
22.0
24.0
20.0
26
24.0
26.0
22.0
28
26.0
28.0
24.0
30
28.0
30.0
26.0
32
30.0
32.0
28.0
34
32.0
34.0
30.0
36
34.0
36.0
32.0
38
36.0
38.0
34.0
40
38.0
40.0
36.0
42
40.0
42.0
38.0
44
42.0
44.0
40.0
46
44.0
46.0
42.0
48
46.0
48.0
44.0
50
48.0
50.0
46.0
52
50.0
52.0
48.0
54
52.0
54.0
50.0
56
54.0
56.0
52.0
58
56.0
58.0
54.0
60
58.0
60.0
56.0
62
60.0
62.0
58.0
64
62.0
64.0
60.0
66
64.0
66.0
62.0
68
66.0
68.0
64.0
70
68.0
70.0
66.0
72
70.0
72.0
68.0
74
72.0
74.0
70.0
76
74.0
76.0
72.0
78
76.0
78.0
74.0
80
78.0
80.0
76.0
Specifications
Material
Contact: Phosphor Bronze
Insulator :
Standard: Polyamide, Nylon 6T, UL 94V-0
Options: Polymer, LCP, UL 94V-0
Electrical
Current Rating: 2 Amp Per Pin
Insulation Resistance: 1000 M
Ω min
Contact Resistance: 20 m
Ω max.
Dielectric Withstand Voltage: AC 500 V
Mechanical & Environmental
Operating Temperature: -40°C to +105°C
Soldering Process:
Nylon 6T (Standard)
IR Reflow: 260°C for 10 sec.
Wave: 230°C for 5-10 sec.
Manual Solder : 350°C for 3-5 sec .
LCP (Option)
IR Reflow: 260°C for 10 sec.
Wave: 250°C for 5-10 sec.
Manual Solder: 350°C for 3-5 sec.
Mates with (Subject to pin length):
BF030
BF045
BF050
BF055
BF060
BF135
BF140
BF145
Single Peg for 4P Part only
Ø4.00 x 0.15
Film
Cap
2x Ø0.64
www.gct.co
2.00±0.15
Ø0.80
1.00


Similar Part No. - BF121

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BF1210 PHILIPS-BF1210 Datasheet
252Kb / 21P
Dual N-channel dual gate MOSFET
Rev. 01-25 October 2006
BF1210 NXP-BF1210 Datasheet
260Kb / 21P
Dual N-channel dual gate MOSFET
Rev. 01-25 October 2006
BF1210 NXP-BF1210 Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
logo
LOVATO Electric S.p.A.
BF1210A024 LOVATO-BF1210A024 Datasheet
226Kb / 7P
THREE-POLE CONTACTOR, IEC OPERATING CURRENT IE (AC3) = 12A, AC COIL 50/60HZ, 24VAC, 1NO AUXILIARY CONTACT
BF1210A02460 LOVATO-BF1210A02460 Datasheet
223Kb / 6P
THREE-POLE CONTACTOR, IEC OPERATING CURRENT IE (AC3) = 12A, AC COIL 60HZ, 24VAC, 1NO AUXILIARY CONTACT
More results

Similar Description - BF121

ManufacturerPart #DatasheetDescription
logo
Major League Electronic...
LSMSS-7-D MAJOR-LEAGUE-LSMSS-7-D Datasheet
76Kb / 2P
.039 cl Dual Row - Surface Mount Socket Strips - Low Profile - Top Entry
SMSS-7-D-06 MAJOR-LEAGUE-SMSS-7-D-06 Datasheet
223Kb / 1P
.039 cl Dual Row - Surface Mount Socket Strips - Top Entry
SMSS-8-D-06 MAJOR-LEAGUE-SMSS-8-D-06 Datasheet
96Kb / 2P
Socket Strip - Verticla - Dual Entry
logo
List of Unclassifed Man...
BD075-06 ETC2-BD075-06 Datasheet
166Kb / 1P
1.27mm PITCH SOCKET. SINGLE ROW. SURFACE MOUNT. TOP ENTRY
S7002 ETC2-S7002 Datasheet
1Mb / 2P
Entry dual-socket server
logo
Harwin Plc
M50-3130245R HARWIN-M50-3130245R Datasheet
146Kb / 2P
1.27mm PITCH, SIL VERTICL DUAL ENTRY SOCKET
logo
Global Connector Techno...
BF080 GCT-BF080 Datasheet
90Kb / 1P
2.00mm Pitch Socket Dual Row, Surface Mount, Low Profile, Dual Entry
31st October 2007
BF100 GCT-BF100 Datasheet
124Kb / 1P
2.00mm Pitch Socket,Dual Row,Surface Mount, 4.3mm or 4.6mm Profile, Dual Entry
31st October 2007
BF135 GCT-BF135 Datasheet
103Kb / 1P
2.00mm Pitch Pin Header,Dual Row, Surface Mount,Horizontal
31st October 2007
logo
Wurth Elektronik GmbH &...
621310242921 WURTH-621310242921 Datasheet
263Kb / 6P
2.00mm SMT Straight Dual Bottom Entry Socket Header WR-PHD
002.000
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com