Electronic Components Datasheet Search
  English  ▼

X  

AC162052 Datasheet(PDF) 66 Page - Microchip Technology

Part # AC162052
Description  Debug Header Specification
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AC162052 Datasheet(HTML) 66 Page - Microchip Technology

Back Button AC162052 Datasheet HTML 62Page - Microchip Technology AC162052 Datasheet HTML 63Page - Microchip Technology AC162052 Datasheet HTML 64Page - Microchip Technology AC162052 Datasheet HTML 65Page - Microchip Technology AC162052 Datasheet HTML 66Page - Microchip Technology AC162052 Datasheet HTML 67Page - Microchip Technology AC162052 Datasheet HTML 68Page - Microchip Technology AC162052 Datasheet HTML 69Page - Microchip Technology AC162052 Datasheet HTML 70Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 78 page
background image
DS51292T-page 66
 2006-2012 Microchip Technology Inc.
8-PIN SIL CONNECTOR
Debug headers with 8-pin SIL (Single In-Line) connectors are compatible with the tools
listed below.
PICkit 2 or 3 Programmer/Debug Express
The 6-pin socket of the PICkit 2 or PICkit 3 may be connected to the 8 header pins by
removing the two DAT and CLK pins. However, this may compromise future use of
these pins/functions with other tools.
FIGURE 2:
8-PIN SIL CONNECTION TO A PICKIT
MPLAB ICD 2 or 3 In-Circuit Debugger
The 6-pin modular cable attached to the MPLAB ICD 2 or MPLAB ICD 3 may be
connected to the 8 header pins through the Modular-to-SIL Adapter.
MPLAB REAL ICE In-Circuit Emulator
The 6-pin modular cable attached to the Standard Driver Board may be connected to
the 8 header pins through the Modular-to-SIL Adapter. No SPI trace is available with
this connection because of the loss of the DAT and CLK pins.
The 8-pin socket of the High Speed Driver Board or optional Isolation Unit may be
directly connected to the 8 header pins. Be sure to line up pin 1 on the board with pin
1 on the header.
FIGURE 3:
8-PIN SIL CONNECTION TO AN EMULATOR
PICkit 2 or 3
PI
Ck
it
TOP
1
Header
Connector
TOP
1
DAT
CLK
Re
mo
ve
MP
LA
B
RE
AL
IC
E
in-
cir
cu
it e
mu
lat
or
Hi
gh
-S
pe
ed
Re
ce
ive
r B
oa
rd
or
TO
P
He
ad
er
Co
nn
ec
tor
op
tio
na
l Is
ola
tio
n U
nit
TO
P
1
1
J1
DAT
CLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com