Electronic Components Datasheet Search
  English  ▼

X  

TA132 Datasheet(PDF) 4 Page - Pico Technology Ltd.

Part # TA132
Description  PicoScope® 3000 Series PC oscilloscopes and MSOs
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

TA132 Datasheet(HTML) 4 Page - Pico Technology Ltd.

  TA132 Datasheet HTML 1Page - Pico Technology Ltd. TA132 Datasheet HTML 2Page - Pico Technology Ltd. TA132 Datasheet HTML 3Page - Pico Technology Ltd. TA132 Datasheet HTML 4Page - Pico Technology Ltd. TA132 Datasheet HTML 5Page - Pico Technology Ltd. TA132 Datasheet HTML 6Page - Pico Technology Ltd. TA132 Datasheet HTML 7Page - Pico Technology Ltd. TA132 Datasheet HTML 8Page - Pico Technology Ltd. TA132 Datasheet HTML 9Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
PicoScope 3000 Series
• Size
The size of the display is only limited by the chosen PC. With a large
waveform area available, you can select a customizable split-screen
display to view multiple channels or different views of a signal at the
same time. The software can even show multiple oscilloscope and
spectrum analyzer traces at once.
• Resolution
The superior resolution offered by a PC monitor means that even
with multiple views or complex signals, no detail will be lost.
• Flexibility
Each waveform shown in a customized view works with individual
zoom, pan, filter, and measurement tools for ultimate flexibility. The
buffer overview function also allows you to quickly find rare, high-
speed events in a long capture, ensuring you are always viewing the
most relevant data.
• Ease of use
The PicoScope software controls are easy to access and use within
the large display window. You can clearly read all the settings and
data for your waveform.
Advanced display
The PicoScope software provides advanced detail and clarity for viewing your signals. The majority of the display area is dedicated to the
waveform, ensuring that a huge amount of data can be seen at once. Even with a laptop, the viewing area for a PicoScope USB oscilloscope
is far larger than that of a typical benchtop oscilloscope.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com