Electronic Components Datasheet Search
  English  ▼

X  

LM2902 Datasheet(PDF) 18 Page - STMicroelectronics

Part # LM2902
Description  Low-power quad operational amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM2902 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button LM2902_V01 Datasheet HTML 12Page - STMicroelectronics LM2902_V01 Datasheet HTML 13Page - STMicroelectronics LM2902_V01 Datasheet HTML 14Page - STMicroelectronics LM2902_V01 Datasheet HTML 15Page - STMicroelectronics LM2902_V01 Datasheet HTML 16Page - STMicroelectronics LM2902_V01 Datasheet HTML 17Page - STMicroelectronics LM2902_V01 Datasheet HTML 18Page - STMicroelectronics LM2902_V01 Datasheet HTML 19Page - STMicroelectronics LM2902_V01 Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
8
Ordering information
Table 8. Order codes
Order code
Temperature range
Package
Packing
Marking
LM2902D
-40 ° C to 125 ° C
SO14
Tube or tape and reel
2902
LM2902DT
LM2902PT
TSSOP14
Tape and reel
LM2902Q4T
QFN16 3x3
K5H
LM2902YQ5T
QFN16 3x3 wettable flank
K218
LM2902YDT (1)
SO14, automotive grade level
2902Y
LM2902YPT (1)
TSSOP14, automotive grade level
1. Qualified and characterized according to AEC Q100 and Q003 or equivalent, advanced screening according to AEC Q001 & Q002 or
equivalent.
LM2902
Ordering information
DS0506 - Rev 9
page 18/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com