Electronic Components Datasheet Search
  English  ▼

X  

PCA9512AD Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # PCA9512AD
Description  Level shifting hot swappable I2C-bus and SMBus bus buffer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PCA9512AD Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button PCA9512AD Datasheet HTML 9Page - List of Unclassifed Manufacturers PCA9512AD Datasheet HTML 10Page - List of Unclassifed Manufacturers PCA9512AD Datasheet HTML 11Page - List of Unclassifed Manufacturers PCA9512AD Datasheet HTML 12Page - List of Unclassifed Manufacturers PCA9512AD Datasheet HTML 13Page - List of Unclassifed Manufacturers PCA9512AD Datasheet HTML 14Page - List of Unclassifed Manufacturers PCA9512AD Datasheet HTML 15Page - List of Unclassifed Manufacturers PCA9512AD Datasheet HTML 16Page - List of Unclassifed Manufacturers PCA9512AD Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
PCA9512A_1
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 7 October 2005
13 of 22
Philips Semiconductors
PCA9512A
Level shifting hot swappable I2C-bus and SMBus bus buffer
[1]
This specification applies over the full operating temperature range.
[2]
Card side supply voltage.
[3]
The enable time is from power-up of VCC and VCC2 ≥ 2.7 V to when idle or stop time begins.
[4]
Idle time is from when SDAn and SCLn are HIGH after enable time has been met.
[5]
Itrt(pu) varies with temperature and VCC voltage, as shown in Section 11.1 “Typical performance characteristics”.
[6]
The connection circuitry always regulates its output to a higher voltage than its input. The magnitude of this offset voltage as a function
of the pull-up resistor and VCC voltage is shown in Section 11.1 “Typical performance characteristics”.
[7]
Guaranteed by design, not production tested.
[8]
Cb = total capacitance of one bus line in pF.
System characteristics
fSCL
SCL clock frequency
[7] 0
-
400
kHz
tBUF
bus free time between
STOP condition and
START condition
[7] 1.3
-
-
µs
tHD;STA
START condition hold
time
[7] 0.6
-
-
µs
tSU;STA
START condition (or
repeated START
condition) set-up time
[7] 0.6
-
-
µs
tSU;STO
STOP condition set-up
time
[7] 0.6
-
-
µs
tHD;DAT
data hold time
[7] 300
-
-
ns
tSU;DAT
data set-up time
[7] 100
-
-
ns
tLOW
SCL LOW time
[7] 1.3
-
-
µs
tHIGH
SCL HIGH time
[7] 0.6
-
-
µs
tf
fall time SDA and SCL
[7] [8] 20 + 0.1
× Cb -
300
ns
tr
rise time SDA and SCL
[7] [8] 20 + 0.1
× Cb -
300
ns
Table 5:
Characteristics …continued
VCC = 2.7 V to 5.5 V; Tamb = −40 °C to +85 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com