Electronic Components Datasheet Search
  English  ▼

X  

PI3A412ZLE Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI3A412ZLE
Description  0.4ohm, 3.3V, Quad SPDT Analog Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3A412ZLE Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI3A412ZLE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3A412ZLE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3A412ZLE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3A412ZLE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3A412ZLE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3A412ZLE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3A412ZLE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3A412ZLE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3A412ZLE Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
PS8834
05/22/06
COMPANY CONFIDENTIAL
Features
• CMOS Technology for Bus and Analog Applications
• Low On-Resistance: 0.4Ω (+2.7V Supply)
• Wide VCC Range: +1.6V to +4.2V ±10%
• ICC = 0.3µA @ TA = +25˚C
• Rail-to-Rail switching throughout Signal Range
• Fast Switching Speed: 20ns TYP. at 3.3V
• High Off Isolation: -65dB
• Crosstalk Rejection: -65dB
• Extended Industrial Temperature Range: –40
°C to 85°C
• Packaging: ( Pb-free & Green)
– 16-contact TQFN (ZL), 2.5mm x 2.5mm
– 16-contact TQFN (ZH), 3.0mm x 3.0mm
Applications
• Cell Phones
• PDAs
• Portable Instrumentation
• Battery Powered
Communications
• Computer Peripherals
PI3A412
0.4Ω, 3.3V, Quad SPDT Analog Switch
Description
The PI3A412 is a quad single-pole double-throw (SPDT) CMOS
switch. It can be used as an analog switch or as a low-delay bus
switch. Specified over a wide operating power supply voltage
range, +1.6V to +4.2V, the switch has an On-Resistance of 0.4Ω
at 2.7V.
Control inputs, Ax, tolerates input drive signals up to 5V, indepen-
dent of supply voltage.
Pin Configuration (top view)
• Audio & Video Signal Routing
• PCMCIA Cards
• Modems
• Hard Drives
• JTAG Testing
GND
NC1
A0
NO2
COM2
COM4
NO4
A1
NC3
1
2
3
4
12
11
10
9
16
15
14
13
5
6
7
8
Block Diagram
����
��
���
���
����
���
���
����
��
���
���
����
���
���
06-0068


Similar Part No. - PI3A412ZLE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3A412ZHE PERICOM-PI3A412ZHE Datasheet
342Kb / 10P
Small Plastic Package, Quad SPDT Analog Switch
PI3A412ZHEX PERICOM-PI3A412ZHEX Datasheet
342Kb / 10P
Small Plastic Package, Quad SPDT Analog Switch
More results

Similar Description - PI3A412ZLE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX333 MAXIM-MAX333 Datasheet
142Kb / 4P
Quad SPDT CMOS Analog Switch
logo
Vishay Siliconix
DG333A VISHAY-DG333A Datasheet
90Kb / 9P
Precision Quad SPDT Analog Switch
06-Sep-99
logo
Fairchild Semiconductor
FSA2268 FAIRCHILD-FSA2268 Datasheet
89Kb / 2P
Low-Voltage Dual-SPDT (0.4OHM) Analog Switch with 16kV ESD
logo
Pericom Semiconductor C...
PI3A412E PERICOM-PI3A412E Datasheet
774Kb / 9P
0.5廓, 3.3V, Quad SPDT Analog Switch with Enable
logo
Vishay Siliconix
DG333A VISHAY-DG333A_11 Datasheet
136Kb / 12P
Precision Quad SPDT Analog Switch
31-Jan-11
DG333ADW-T1-E3 VISHAY-DG333ADW-T1-E3 Datasheet
158Kb / 12P
Precision Quad SPDT Analog Switch
05-Sep-11
logo
SG Micro Corp
SGM3699 SGMICRO-SGM3699_15 Datasheet
354Kb / 12P
Quad, SPDT Analog Switch
logo
Global Mixed-mode Techn...
G3204 GMT-G3204 Datasheet
105Kb / 1P
Quad 10 SPDT Analog Switch
logo
Maxim Integrated Produc...
MAX333SM MAXIM-MAX333SM Datasheet
25Kb / 4P
QUAD, SPDT, CMOS ANALOG SWITCH
Rev. C
logo
Vishay Siliconix
DG333A VISHAY-DG333A_V01 Datasheet
160Kb / 12P
Precision Quad SPDT Analog Switch
21-Sep-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com