Electronic Components Datasheet Search
  English  ▼

X  

PIC18F44J10 Datasheet(PDF) 14 Page - Microchip Technology

Part # PIC18F44J10
Description  Debug Header Specification
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F44J10 Datasheet(HTML) 14 Page - Microchip Technology

Back Button PIC18F44J10 Datasheet HTML 10Page - Microchip Technology PIC18F44J10 Datasheet HTML 11Page - Microchip Technology PIC18F44J10 Datasheet HTML 12Page - Microchip Technology PIC18F44J10 Datasheet HTML 13Page - Microchip Technology PIC18F44J10 Datasheet HTML 14Page - Microchip Technology PIC18F44J10 Datasheet HTML 15Page - Microchip Technology PIC18F44J10 Datasheet HTML 16Page - Microchip Technology PIC18F44J10 Datasheet HTML 17Page - Microchip Technology PIC18F44J10 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 78 page
background image
Required Debug Headers
DS51292T-page 14
 2006-2012 Microchip Technology Inc.
AC162059, AC162070, AC162096
Header Identification
The header AC number is used for ordering the header. However, this number is not
on the debug header, as the board is often used for multiple headers by inserting
different ICE/ICD devices. To identify these debug headers, use the following
information.
Header Setup and Operation
The ICD devices on these headers are specifically designed to select a device without
the use of additional jumpers or switches.
These headers support 8 and 14-pin devices (see Figure 4.) For the AC162059 and
AC162070, there is an 8-pin and a 14-pin connector. For the AC162096, there is only
a 14-pin connector. (The 8-pin connector is not populated.) Use the 14-pin connector
for 8-pin devices, but make sure device pin 1 is placed at the 14-pin connector pin 1.
Header Limitations
See the “Limitations” section in your debug tool online Help file for details.
Header
ICE/ICD Device
Board Assembly Number
AC162059
PIC16F505-ICD
02-01803
AC162070
PIC16F506-ICD
AC162096
PIC16F526-ICD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78