Electronic Components Datasheet Search
  English  ▼

X  

ES9218P Datasheet(PDF) 100 Page - ESS Technology,Inc

Part # ES9218P
Description  32-bit Stereo Low Power DAC with Headphone Amplifier, Analog Volume Control, and Output Switch
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9218P Datasheet(HTML) 100 Page - ESS Technology,Inc

Back Button ES9218P Datasheet HTML 93Page - ESS Technology,Inc ES9218P Datasheet HTML 94Page - ESS Technology,Inc ES9218P Datasheet HTML 95Page - ESS Technology,Inc ES9218P Datasheet HTML 96Page - ESS Technology,Inc ES9218P Datasheet HTML 97Page - ESS Technology,Inc ES9218P Datasheet HTML 98Page - ESS Technology,Inc ES9218P Datasheet HTML 99Page - ESS Technology,Inc ES9218P Datasheet HTML 100Page - ESS Technology,Inc ES9218P Datasheet HTML 101Page - ESS Technology,Inc  
Zoom Inzoom in Zoom Outzoom out
 100 / 101 page
background image
ES9218P Datasheet
December 6, 2018
CONFIDENTIAL ADVANCE INFORMATION 1.8
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA Tel (408) 643-8800 • Fax (408) 643-8801
100
RPC-1 Classification reflow profile
Profile Feature
Pb-Free Assembly
Preheat/Soak
Temperature Min (Tsmin)
Temperature Max (Tsmax)
Time (ts) from (Tsmin to Tsmax)
150°C
200°C
60-120 seconds
Ramp-up rate (TL to Tp)
3°C / second maximum
Liquidous temperature (TL)
Time (tL) maintained above TL
217°C
60-150 seconds
Peak package body temperature (Tp)
For users Tp must not exceed the classification temp in Table RPC-
2.
For suppliers Tp must equal or exceed the Classification temp in
Table RPC-2.
Time (tp)* within 5°C of the specified classification temperature (Tc),
see Figure
30* seconds
Ramp-down rate (Tp to TL)
6°C / second maximum
Time 25°C to peak temperature
8 minutes maximum
* Tolerance for peak profile temperature (Tp) is defined as a supplier minimum and a user maximum.
Note 1: All temperatures refer to the center of the package, measured on the package body surface that is facing up during assembly reflow (e.g.,
live-bug). If parts are reflowed in other than the normal live-bug assembly reflow orientation (i.e., dead-bug), Tp shall be within ±2°C of the
live-bug Tp and still meet the Tc requirements, otherwise, the profile shall be adjusted to achieve the latter. To accurately measure actual
peak package body temperatures, refer to JEP140 for recommended thermocouple use.
Note 2: Reflow profiles in this document are for classification/preconditioning and are not meant to specify board assembly profiles. Actual board
assembly profiles should be developed based on specific process needs and board designs and should not exceed the parameters in
Table RPC-1.
For example, if Tc is 260°C and time tp is 30 seconds, this means the following for the supplier and the user.
For a supplier: The peak temperature must be at least 260°C. The time above 255°C must be at least 30 seconds.
For a user: The peak temperature must not exceed 260°C. The time above 255°C must not exceed 30 seconds.
Note 3: All components in the test load shall meet the classification profile requirements.
RPC-2 Pb-Free Process – Classification Temperatures (Tc)
Package Thickness
Volume mm3, <350
Volume mm3, 350 to 2000
Volume mm3, >2000
<1.6 mm
260°C
260°C
260°C
1.6 mm – 2.5 mm
260°C
250°C
245°C
>2.5 mm
250°C
245°C
245°C
Note 1: At the discretion of the device manufacturer, but not the board assembler/user, the maximum peak package body temperature (Tp) can
exceed the values specified in Table RPC-2. The use of a higher Tp does not change the classification temperature (Tc).
Note 2: Package volume excludes external terminals (e.g., balls, bumps, lands, leads) and/or nonintegral heat sinks.
Note 3: The maximum component temperature reached during reflow depends on package thickness and volume. The use of convection reflow
processes reduces the thermal gradients between packages. However, thermal gradients due to differences in thermal mass of SMD
packages may still exist.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com