Electronic Components Datasheet Search
  English  ▼

X  

L17DM53745-7 Datasheet(PDF) 2 Page - Amphenol Corporation

Part # L17DM53745-7
Description  Hybrid D’Sub series
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

L17DM53745-7 Datasheet(HTML) 2 Page - Amphenol Corporation

  L17DM53745-7 Datasheet HTML 1Page - Amphenol Corporation L17DM53745-7 Datasheet HTML 2Page - Amphenol Corporation L17DM53745-7 Datasheet HTML 3Page - Amphenol Corporation L17DM53745-7 Datasheet HTML 4Page - Amphenol Corporation L17DM53745-7 Datasheet HTML 5Page - Amphenol Corporation L17DM53745-7 Datasheet HTML 6Page - Amphenol Corporation L17DM53745-7 Datasheet HTML 7Page - Amphenol Corporation L17DM53745-7 Datasheet HTML 8Page - Amphenol Corporation L17DM53745-7 Datasheet HTML 9Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Shell and contacts plating
2
Housing arrangements
Male front view
5W1
E
Arrangement ......
Shell size ............
Arrangement ......
Shell size ............
Arrangement ......
Shell size ............
Arrangement ......
Shell size ............
Arrangement ......
Shell size ............
Arrangement ......
Shell size ............
7W2
A
11W1
A
3W3
A
5W5
B
9W4
B
13W3
B
17W2
B
21W1
B
27W2
C
13W6
C
17W5
C
21W4
C
8W8
C
25W3
C
24W7
D
36W4
D
43W2
D
CLASS ll
0.4µm (16µ”) Au contacts gold plating
200 mating cycles
Types
Shells and plating
Tin plated shell
*Male and female
Tin plated shell with dimples
Male only
77 TW
717 TW
CLASS l
0.76µm (30µ”) Au contacts gold plating
500 mating cycles
Types
Shells and plating
Tin plated shell
*Male and female
Tin plated shell with dimples
Male only
177 TW
777 TW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com